Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14082 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14082
Description  STEMTera (Black)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14082 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14082 Datasheet HTML 1Page - SparkFun Electronics DEV-14082 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features 
Dual Microcontroller – ATmega328P & ATmega32U2
LEGO® Compatible Bottom Cover
USB Native Development
4 LEDs (Power, TX, RX and L)
Black ABS Enclosure
IDE Support
o
Atmel® Studio
o
Arduino IDE
o
AVR-GCC
o
AVR-GCC with LUFA
o
Scratch
111.8mm x 79.8mm x 16.1mm
 
 
                                    https://www.sparkfun.com/products/14082 3‐20‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com