Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14083 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14083
Description  STEMTera (White)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14083 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14083 Datasheet HTML 1Page - SparkFun Electronics DEV-14083 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STEMTera (White)
DEV-14083 RoHS
 
Description: The STEMTera is an innovation in breadboard history. It is the first breadboard
with an Arduino-compatible hardware suite built in that works with thousands of shields. With
ATmega16U2/32U2 pins exposed, native USB projects can be easily developed using the LUFA
framework. The STEMTera also features a LEGO® brick-compatible bottom that empowers
projects to be built beyond imagination. This version of the STEMTera is housed in a durable
white ABS plastic enclosure.
Since the STEMTera is a development board built directly into a breadboard, it eliminates the
need for messy wires to be strewn about your work space. By having two microcontrollers built
inside the breadboard, it provides direct access to ATmega328P and ATmega16U2’s IO pins.
With the 21 IO pins of the ATmega32U2 exposed, users will be able to develop native USB
projects with ease. These extra IO pins can work directly with the LUFA framework without
having a middleman to translate messages as with the original Arduino UNO. Additionally, the
STEMTera is pin-to-pin compatible with an Arduino UNO R3 shield and supports multiple
IDEs, including: Atmel® Studio, Arduino IDE, AVR-GCC, AVR-GCC with LUFA, Scratch and
more!
The STEMTera even has a LEGO-compatible 10x14 bottom cover that enables LEGO bricks to
be connected directly into the breadboard without using special mounting techniques or adapters.


Similar Part No. - DEV-14083

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14082 SPARKFUN-DEV-14082 Datasheet
207Kb / 2P
STEMTera (Black)
3??0??8
DEV-14084 SPARKFUN-DEV-14084 Datasheet
59Kb / 2P
STEMTera (Pink)
1/26/2017
More results

Similar Description - DEV-14083

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
MR16-36PCS2W-W3-E27 HB-MR16-36PCS2W-W3-E27 Datasheet
1Mb / 2P
Emitted Color Pure White Warm White
logo
E-SWITCH
52-PV8F2Y0SS305 E-SWITCH-52-PV8F2Y0SS305 Datasheet
114Kb / 1P
ILLUMINATION COLOR: WHITE (FORWARD), WHITE (REVERSE)
52-PV8F2Y1SS301 E-SWITCH-52-PV8F2Y1SS301 Datasheet
111Kb / 1P
ILLUMINATION COLOR: WHITE (FORWARD), WHITE (REVERSE)
logo
P-tec Corporation
PDTC12031G05-01 P-TEC-PDTC12031G05-01 Datasheet
1Mb / 6P
White surface with white segments
PDTC12031Y04-01 P-TEC-PDTC12031Y04-01 Datasheet
1Mb / 7P
White surface with white segments
logo
Elite Enterprises (H.K....
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
4W White/ Warm White Power LED
PM2A-4LXX-SD ELITE-PM2A-4LXX-SD Datasheet
884Kb / 16P
4W White/ Warm White Power LED
PM2L-4LXE-SD ELITE-PM2L-4LXE-SD Datasheet
1Mb / 16P
4W White/ Warm White Power LED
logo
SparkFun Electronics
DEV-14082 SPARKFUN-DEV-14082 Datasheet
207Kb / 2P
STEMTera (Black)
3??0??8
DEV-14084 SPARKFUN-DEV-14084 Datasheet
59Kb / 2P
STEMTera (Pink)
1/26/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com