Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14084 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14084
Description  STEMTera (Pink)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14084 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14084 Datasheet HTML 1Page - SparkFun Electronics DEV-14084 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STEMTera (Pink)
DEV-14084 RoHS
 
Description: The STEMTera is an innovation in breadboard history. It is the first breadboard with an
Arduino-compatible hardware suite built in that works with thousands of shields. With
ATmega16U2/32U2 pins exposed, native USB projects can be easily developed using the LUFA
framework. The STEMTera also features a LEGO® brick-compatible bottom that empowers projects
to be built beyond imagination. This version of the STEMTera is housed in a durable pink ABS
plastic enclosure.
Since the STEMTera is a development board built directly into a breadboard, it eliminates the need
for messy wires to be strewn about your work space. By having two microcontrollers built inside the
breadboard, it provides direct access to ATmega328P and ATmega16U2’s IO pins. With the 21 IO
pins of the ATmega32U2 exposed, users will be able to develop native USB projects with ease.
These extra IO pins can work directly with the LUFA framework without having a middleman to
translate messages as with the original Arduino UNO. Additionally, the STEMTera is pin-to-pin
compatible with an Arduino UNO R3 shield and supports multiple IDEs, including: Atmel® Studio,
Arduino IDE, AVR-GCC, AVR-GCC with LUFA, Scratch and more!
The STEMTera even has a LEGO-compatible 10x14 bottom cover that enables LEGO bricks to be
connected directly into the breadboard without using special mounting techniques or adapters.
Note: The STEMTera is available for pre-order. We expect orders to start shipping very soon.
Adding a pre-order product to an order may cause a delay. Be sure to uncheck “ship complete order”
in your cart to avoid delays in shipping in-stock items.


Similar Part No. - DEV-14084

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14082 SPARKFUN-DEV-14082 Datasheet
207Kb / 2P
STEMTera (Black)
3??0??8
DEV-14083 SPARKFUN-DEV-14083 Datasheet
82Kb / 2P
STEMTera (White)
1/26/2017
More results

Similar Description - DEV-14084

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPBR70ASS-N9 NICHIA-NSPBR70ASS-N9 Datasheet
249Kb / 13P
PINK LED
logo
Roithner LaserTechnik G...
5R4HCA-PH ROITHNER-5R4HCA-PH Datasheet
64Kb / 1P
PINK LED
logo
OptoSupply Internationa...
OSK5D3A151R OPTOSUPPLY-OSK5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pink LED
OSK5DA5J71D OPTOSUPPLY-OSK5DA5J71D Datasheet
100Kb / 1P
5.2x3.8mm Oval Pink LED
OSK5DAS1C1A OPTOSUPPLY-OSK5DAS1C1A Datasheet
100Kb / 1P
3.5x2.8x1.9mm Pink SMDLED
OSK5DKA131A OPTOSUPPLY-OSK5DKA131A_11 Datasheet
158Kb / 1P
10mm Roundd Pink LED
OSK5DLS1C1A OPTOSUPPLY-OSK5DLS1C1A_11 Datasheet
109Kb / 1P
3.5x2.8x1.9mm Pink SMD
logo
P-tec Corporation
PC5130-OPMP P-TEC-PC5130-OPMP Datasheet
306Kb / 3P
Mirror Background Pink Characters
logo
SparkFun Electronics
DEV-14082 SPARKFUN-DEV-14082 Datasheet
207Kb / 2P
STEMTera (Black)
3??0??8
DEV-14083 SPARKFUN-DEV-14083 Datasheet
82Kb / 2P
STEMTera (White)
1/26/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com