Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14155 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14155
Description  SparkFun ESP32 Thing Power Control Shield
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14155 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14155 Datasheet HTML 1Page - SparkFun Electronics DEV-14155 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
SparkFun ESP32 Thing Power Control Shield
DEV-14155
Description: The SparkFun ESP32 Thing Power Control Shield enables the ESP32 Thing to switch
up to 5A of a DC load, providing a wide variety of options to control your next project! With a default
voltage range of 5–28VDC, power can be connected to this shield in one of two ways. The first is the
barrel connector, but with a maximum current rating of 2.5A (designed for light loads). The second
option is on the 3-pin screw terminal, which has connections for VCC, ground and a 5V output. The
supply voltage is regulated down to 5V to power the ESP32 Thing, as well as a fan to keep the
board cool under heavy loads.
At the heart of the board are three MC33926 motor drivers by NXP Semiconductors. While the board
is theoretically capable of switching up to 30A total, the power traces in the board and connectors
have only been tested up to 10A total across the six output pins. Along with switching DC loads on
and off, the MC33926 has three built-in current sensors, which are connected to output pins 2, 4 and
6. Each of the current sensors is connected to an LMV358 operational amplifier to adjust the gain of
each current measurement.


Similar Part No. - DEV-14155

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14150 SPARKFUN-DEV-14150 Datasheet
957Kb / 1P
RELAYplate
DEV-14153 SPARKFUN-DEV-14153 Datasheet
256Kb / 2P
SparkFun ESP32 Thing Environment Sensor Shield
7??0??7
More results

Similar Description - DEV-14155

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13116 SPARKFUN-DEV-13116 Datasheet
115Kb / 1P
SparkFun Spectrum Shield
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
SparkFun LiPower Shield
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
DEV-14153 SPARKFUN-DEV-14153 Datasheet
256Kb / 2P
SparkFun ESP32 Thing Environment Sensor Shield
7??0??7
DEV-14430 SPARKFUN-DEV-14430 Datasheet
210Kb / 2P
SparkFun ESP32 Thing Motion Shield
11??0??7
PRT-14311 SPARKFUN-PRT-14311 Datasheet
85Kb / 1P
ESP32 Thing Stackable Header Set
6??2??7
WRL-13711 SPARKFUN-WRL-13711 Datasheet
164Kb / 2P
SparkFun ESP8266 Thing - Dev Board
11/17/2015
WRL-13804 SPARKFUN-WRL-13804 Datasheet
127Kb / 2P
SparkFun ESP8266 Thing - Dev Board (with Headers)
6??0??7
WRL-15006 SPARKFUN-WRL-15006 Datasheet
205Kb / 2P
SparkFun LoRa Gateway - 1-Channel (ESP32)
11??0??8
WRL-15435 SPARKFUN-WRL-15435 Datasheet
177Kb / 2P
SparkFun Thing Plus - XBee3 Micro (U.FL)
8??8??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com