Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14285 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14285
Description  SparkFun Wireless Motor Driver Shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14285 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14285 Datasheet HTML 1Page - SparkFun Electronics DEV-14285 Datasheet HTML 2Page - SparkFun Electronics DEV-14285 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SparkFun Wireless Motor Driver Shield
DEV-14285 RoHS Open Source Hardware
The SparkFun Wireless Motor Driver Shield is designed to make connecting motors, sensors and
other components to your Arduino-based project as fast and easy as possible. The heart of the
Wireless Motor Driver Shield is the Toshiba TB6612FNG H-Bridge Motor Driver, which allows the
shield to control two DC motors at once, both CW and CCW, and to brake electronically. The
TB6612FNG H-Bridge is rated up to 1.2A per channel at 13V, which means it will drive a fair variety
of hobby motors ranging in power. Each of the GPIO pins is broken out on a “servo-style” header
field with PWR and GND to allow you to easily connect devices using a 3-pin servo cable.
Using the onboard slide switches, the motor power and servo power rail can be connected to the
Arduino’s regulated voltage, VIN, or a completely separate power supply attached to the shield’s
barrel jack. This feature makes the SparkFun Wireless Motor Driver Shield ideal if you are
connecting multiple servos and need more than 5V to your robotics project!
This shield also includes an I2C pin-out and a built-in XBee socket, making it perfect for setting up an
XBee-based remote control. Simply plug an XBee module into the socket on the shield, and you
have the control system for a simple remote control rover or small autonomous robot!


Similar Part No. - DEV-14285

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14208 SPARKFUN-DEV-14208 Datasheet
150Kb / 2P
micro:bit
4??6??7
DEV-14213 SPARKFUN-DEV-14213 Datasheet
170Kb / 2P
SparkFun moto:bit
6??6??7
DEV-14214 SPARKFUN-DEV-14214 Datasheet
186Kb / 2P
SparkFun weather:bit
6??6??7
DEV-14215 SPARKFUN-DEV-14215 Datasheet
103Kb / 2P
SparkFun gamer:bit
6??6??7
More results

Similar Description - DEV-14285

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09815 SPARKFUN-DEV-09815 Datasheet
104Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
DEV-10182 SPARKFUN-DEV-10182 Datasheet
112Kb / 1P
SparkFun Monster Moto Shield
DEV-13116 SPARKFUN-DEV-13116 Datasheet
115Kb / 1P
SparkFun Spectrum Shield
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
SparkFun LiPower Shield
DEV-13629 SPARKFUN-DEV-13629 Datasheet
106Kb / 2P
SparkFun Photon IMU Shield
DEV-14129 SPARKFUN-DEV-14129 Datasheet
92Kb / 1P
SparkFun Ardumoto - Motor Driver Shield
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
ROB-09457 SPARKFUN-ROB-09457 Datasheet
105Kb / 1P
SparkFun Motor Driver - Dual TB6612FNG (1A)
10/8/2015
ROB-14538 SPARKFUN-ROB-14538 Datasheet
202Kb / 2P
SparkFun Haptic Motor Driver - DRV2605L
5??5??8
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
SparkFun Qwiic Motor Driver
9??4??9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com