Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14328 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14328
Description  SparkFun Pi Servo HAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14328 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14328 Datasheet HTML 1Page - SparkFun Electronics DEV-14328 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun Pi Servo HAT
DEV-14328 RoHS
 
 
 
 
 
The SparkFun Pi Servo HAT allows your Raspberry Pi to control up to 16 servo motors in a
straightforward and uncomplicated manner via an I2C connection. Thanks to its I2C capabilities, this
HAT saves the Raspberry Pi’s GPIO, allowing you to use them for other purposes. Additionally, the
Pi Servo HAT adds a serial terminal connection, which will allow you to bring up a Raspberry Pi
without having to hook it up to a monitor and keyboard.
Power to the SparkFun Pi Servo HAT is supplied by a microUSB connector that can be used to
power the servo motors only, or to power the servo motors as well as the Pi that is connected to the
HAT. This USB connector can also be used to hook up the Pi via serial port connection to avoid
having to use a monitor and keyboard for setting up the Pi. To supply power only to the servo power
rail (and not the Pi’s 5V power rail), you just need to remove a small blob of solder on the isolation
jumper. Doing this allows you to drive heavier loads coming from multiple or larger servos.
Each of this HAT’s 16 servo motor pin headers has been spaced out the correct distance from the
others to make it easier to attach your servo motors. They are pinned out in the proper order for
most hobby-type servo motor connectors. The Pi Servo Hat is the same size and form factor as a
Raspberry Pi Zero and Zero W, but it can also operate with a regular Raspberry Pi.
Note: This HAT does not include and headers to connect to a Raspberry Pi and will need to be
purchased separately. We recommend the 2x20 “tall” headers.


Similar Part No. - DEV-14328

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14346 SPARKFUN-DEV-14346 Datasheet
245Kb / 2P
LilyPad ProtoSnap Plus
10????7
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14356 SPARKFUN-DEV-14356 Datasheet
319Kb / 2P
pi-topPROTO
8??4??7
More results

Similar Description - DEV-14328

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14039 SPARKFUN-DEV-14039 Datasheet
92Kb / 1P
Pimoroni Explorer HAT Pro
logo
New Jersey Semi-Conduct...
1N2076A NJSEMI-1N2076A Datasheet
83Kb / 1P
TOP HAT
logo
SparkFun Electronics
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com