Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14352 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14352
Description  SparkFun Qwiic Shield for Arduino
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14352 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14352 Datasheet HTML 1Page - SparkFun Electronics DEV-14352 Datasheet HTML 2Page - SparkFun Electronics DEV-14352 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SparkFun Qwiic Shield for Arduino
DEV-14352 RoHS Open Source Hardware
The SparkFun Qwiic Shield is an easy-to-assemble board that provides a simple way to incorporate
the Qwiic Connect System with your Arduino-based device. This shield connects the I2C bus on your
Arduino to a series of SparkFun Qwiic connectors and provides the circuitry to convert the 5V given
to the 3.3V required by I2C boards in our Qwiic system. As long as your devices are on different
addresses, the Qwiic system allows for daisy chaining, meaning you can stack as many sensors as
you’d like to create a tower of sensing power!
The Qwiic Shield has four Qwiic connection ports, all on the same I2C bus, as well as a large
prototyping area to design and make your own unique circuits. The shield also has a few 3-by-1 rails
to help with prototyping, as well as buses for ground, 5V and even 3.3V. We have included four
mounting ports in the same design as our Qwiic sensors, allowing you to affix your small board to
the top of the shield.
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - DEV-14352

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14356 SPARKFUN-DEV-14356 Datasheet
319Kb / 2P
pi-topPROTO
8??4??7
More results

Similar Description - DEV-14352

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-14477 SPARKFUN-DEV-14477 Datasheet
160Kb / 2P
SparkFun Qwiic Shield for Photon
12-4-17
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
KIT-16262 SPARKFUN-KIT-16262 Datasheet
205Kb / 2P
SparkFun Qwiic Ideation Kit
4??3??0
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
SparkFun Qwiic Motor Driver
9??4??9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com