Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14459 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14459
Description  SparkFun Qwiic HAT for Raspberry Pi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14459 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14459 Datasheet HTML 1Page - SparkFun Electronics DEV-14459 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
SparkFun Qwiic HAT for Raspberry Pi 
DEV-14459 RoHS In Eagle Library
The SparkFun Qwiic HAT for Raspberry Pi is the quickest and easiest way to enter into SparkFun’s
Qwiic ecosystem while still using that Raspberry Pi that you’ve come to know and love. The Qwiic
HAT connects the I2C bus (GND, 3.3V, SDA and SCL) on your Raspberry Pi to an array of Qwiic
connectors on the HAT. Since the Qwiic system allows for daisy chaining boards with different
addresses, you can stack as many sensors as you’d like to create a tower of sensing power!
The Qwiic Pi HAT has four Qwiic connect ports, all on the same I2C bus. In addition, many of the
useful GPIO pins on the Raspberry Pi are broken out. This HAT is compatible with any Raspberry Pi
that utilizes the standard 2x20 GPIO header. It has been designed to sit to the side of the Pi,
allowing it to work conveniently with a Pi Tin enclosure to connect boards to the Qwiic ports.
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - DEV-14459

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14430 SPARKFUN-DEV-14430 Datasheet
210Kb / 2P
SparkFun ESP32 Thing Motion Shield
11??0??7
DEV-14431 SPARKFUN-DEV-14431 Datasheet
121Kb / 2P
Onion Omega2 IoT Computer
DEV-14438 SPARKFUN-DEV-14438 Datasheet
96Kb / 2P
Arduino Dock R2 for Onion Omega
DEV-14444 SPARKFUN-DEV-14444 Datasheet
133Kb / 4P
Relay Expansion Board for Onion Omega
DEV-14475 SPARKFUN-DEV-14475 Datasheet
223Kb / 3P
SparkFun Noisy Cricket Stereo Amplifier - 1.5W
4??0??8
More results

Similar Description - DEV-14459

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com