Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14477 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14477
Description  SparkFun Qwiic Shield for Photon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14477 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14477 Datasheet HTML 1Page - SparkFun Electronics DEV-14477 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
SparkFun Qwiic Shield for Photon 
DEV-14477 RoHS Open Source Hardware In Eagle Library
The SparkFun Qwiic Shield for Photon is an easy-to-assemble board that provides a simple way to
incorporate the Qwiic Connect System with your Particle Photon. This shield connects the I2C bus on
your Photon to a series of SparkFun Qwiic connectors. As long as your devices are on different
addresses, the Qwiic system allows for daisy chaining, meaning you can stack as many sensors as
you’d like to create a tower of sensing power!
The Qwiic Shield has four Qwiic connection ports, all on the same I2C bus, as well as a small
prototyping area to design and make your own unique circuits. The shield is also equipped with 3-pin
buses for ground and 3.3V to help with prototyping.
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.
Note: This shield includes Photon stackable headers, but they are not pre-soldered onto the board,
so some assembly will be required when putting the shield together.


Similar Part No. - DEV-14477

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14475 SPARKFUN-DEV-14475 Datasheet
223Kb / 3P
SparkFun Noisy Cricket Stereo Amplifier - 1.5W
4??0??8
More results

Similar Description - DEV-14477

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13629 SPARKFUN-DEV-13629 Datasheet
106Kb / 2P
SparkFun Photon IMU Shield
DEV-13598 SPARKFUN-DEV-13598 Datasheet
102Kb / 1P
SparkFun Photon ProtoShield
10/22/2015
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com