Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14495 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14495
Description  SparkFun Qwiic Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14495 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14495 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
SparkFun Qwiic Adapter 
DEV-14495 RoHS Open Soure Hardware In Eagle Library
The SparkFun Qwiic Adapter provides the perfect means to make any old I2C board into a Qwiic-
enabled board. This adapter breaks out the I2C pins from the Qwiic connectors to pins that you can
easily solder with your favorite I2C-enabled device.
The Qwiic Adapter has two Qwiic connection ports, all on the same I2C bus. Four plated through
holes are broken out for SCL, SDA, 3.3V and GND. These pins can be used to convert an old I2C-
enabled device into a Qwiic-enabled board.
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.
FEATURES
2x Qwiic Connection Ports
Broken-out I2C Pins
https://www.sparkfun.com/products/14495 12-4-17


Similar Part No. - DEV-14495

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14430 SPARKFUN-DEV-14430 Datasheet
210Kb / 2P
SparkFun ESP32 Thing Motion Shield
11??0??7
DEV-14431 SPARKFUN-DEV-14431 Datasheet
121Kb / 2P
Onion Omega2 IoT Computer
DEV-14438 SPARKFUN-DEV-14438 Datasheet
96Kb / 2P
Arduino Dock R2 for Onion Omega
DEV-14444 SPARKFUN-DEV-14444 Datasheet
133Kb / 4P
Relay Expansion Board for Onion Omega
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
More results

Similar Description - DEV-14495

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
KIT-16262 SPARKFUN-KIT-16262 Datasheet
205Kb / 2P
SparkFun Qwiic Ideation Kit
4??3??0
LCD-14532 SPARKFUN-LCD-14532 Datasheet
168Kb / 2P
SparkFun Micro OLED Breakout (Qwiic)
1??2??8
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
SparkFun Qwiic Motor Driver
9??4??9
SEN-15191 SPARKFUN-SEN-15191 Datasheet
2Mb / 2P
SparkFun RFID Qwiic Reader
3??8??9
SEN-15242 SPARKFUN-SEN-15242 Datasheet
156Kb / 2P
SparkFun Qwiic Scale - NAU7802
4??7??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com