Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14531 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14531
Description  Pioneer IoT Add?륮n Shield
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14531 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14531 Datasheet HTML 1Page - SparkFun Electronics DEV-14531 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
PioneerIoTAdd‐OnShield
DEV-14531 RoHS Open Source Hardware
The Pioneer IoT Add-On Shield is a unique board designed to add more functionality to the PSoC 6
from Cypress while remaining useful and practical for plenty of other Internet of Things applications.
Each Add-On Shield is a pretty simple board with an equally simple layout that provides XBee, Qwiic
and microSD functionality not only to the PSoC 6 but also to any board with an Arduino R3 shield
format. On top of designing this board with a reliable IoT performance, we have written a guide that
will show you how to communicate with a Raspberry Pi via Bluetooth® and WiFi, as well as how to
communicate between a PSoC 4 BLE Pioneer Board and the PSoC 6 Pioneer Board via Bluetooth
Low Energy.
In addition to the microSD card slot, XBee headers and Qwiic connector, the Pioneer IoT Add-On
Shield is equipped with a micro-B USB connector. This connector provides 5V to the 3.3V regulator
for the XBee module, overriding the 5V coming from the Arduino header and allowing high-power
XBee modules to function properly. This is all thanks to the 3.3V regulator, level shift buffer, I2C level
shift circuitry and a voltage supply selection jumper — all found on the shield!
If you aren’t familiar with it, the PSoC 6 Pioneer Board is the development tool associated with this
processor line, sporting an onboard debugger, Arduino-compatible headers, CapSense widgets and
more — all tied to a PSoC 6 processor. The processor is a dual-core device, with a Cortex-M0+ low-
power processor and a Cortex-M4 high-power processor tied together via shared peripherals and
memory space.


Similar Part No. - DEV-14531

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14525 SPARKFUN-DEV-14525 Datasheet
192Kb / 2P
SparkFun RedBoard Edge
6????8
DEV-14546 SPARKFUN-DEV-14546 Datasheet
203Kb / 2P
LilyPad E?륲ewing ProtoSnap
12??1??7
More results

Similar Description - DEV-14531

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKL9130 CPI-VKL9130 Datasheet
160Kb / 2P
IOT Amplifier
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
IoT Antennas
logo
Cypress Semiconductor
CY8CKIT-042 CYPRESS-CY8CKIT-042 Datasheet
7Mb / 136P
PSoC짰 4 Pioneer Kit Guide
logo
Infineon Technologies A...
CY8CKIT-062-BLE INFINEON-CY8CKIT-062-BLE Datasheet
8Mb / 66P
PSoC 6 BLE Pioneer Kit Guide
Doc Number. 002-17040 Rev. K
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB7 SUNTSU-SATPC-35A7AB5-ISB7 Datasheet
410Kb / 3P
IOT Applications
SATPC-35A7AF-ISB7 SUNTSU-SATPC-35A7AF-ISB7 Datasheet
457Kb / 3P
IOT Applications
SATPC-62A7AB5-ISB1 SUNTSU-SATPC-62A7AB5-ISB1 Datasheet
407Kb / 3P
IOT Applications
logo
List of Unclassifed Man...
MVH-X360BT ETC1-MVH-X360BT Datasheet
4Mb / 46P
Pioneer BA49183 RDS MEDIA CENTER RECEIVER
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com