Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-08643 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-08643
Description  Magnet Square ??0.25"||"8????7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-08643 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-08643 Datasheet HTML 1Page - SparkFun Electronics COM-08643 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
MagnetSquare‐0.25"
COM-08643 RoHS
 
 
Description: These are small rare earth magnets - 0.25" cubed. Composed of
Neodymium/Iron/Boron (NdFeB), these magnets are curiously strong and make for a great way to
attach tools to a metal workbench, hold small children to a fridge, and as a trigger for reed switches.
Activates the reed switch (shown below) at a distance of about 3cm.
Sold in single units.


Similar Part No. - COM-08643

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
More results

Similar Description - COM-08643

ManufacturerPart #DatasheetDescription
logo
CUI INC
GA0666 CUI-GA0666 Datasheet
256Kb / 2P
Square frame paper cone - alnico magnet
GA0776M CUI-GA0776M Datasheet
255Kb / 2P
Square frame mylar cone - alnico magnet
GA0876M CUI-GA0876M Datasheet
244Kb / 2P
Square frame mylar cone - alnico magnet
GF0666M CUI-GF0666M Datasheet
257Kb / 2P
Square frame mylar cone - ferrite magnet
GF1004 CUI-GF1004 Datasheet
236Kb / 2P
Square frame paper cone - ferrite magnet
GF1004H CUI-GF1004H Datasheet
248Kb / 2P
Square frame paper cone - ferrite magnet
GF0576 CUI-GF0576 Datasheet
249Kb / 2P
Square frame paper cone - ferrite magnet
logo
SparkFun Electronics
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com