Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-15422 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-15422
Description  Fiber Optic Fabric - Black (30x30cm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-15422 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-15422 Datasheet HTML 1Page - SparkFun Electronics COM-15422 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
Fiber Optic Fabric - Black (30x30cm)
COM-15422
 
This black fiber optic fabric is a cool and unique way to add some shine to your e-textiles project.
There are optical fibers actually woven into this piece of fabric! Simply shine a bright light into the
fiber bundle, which is collected at one end, and the fabric fills with little shining pinpoints. You can
make the fabric nearly glow with a little bit of abrasion, just rough it up with fine sandpaper to
damage the fiber and make it "leak" light. Selective abrasion is a great way to make a pattern!
This version of the fabric come in a 30cm x 30cm (11.81in x 11.81in) square.
FEATURES
30cm x 30cm


Similar Part No. - COM-15422

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-15438 SPARKFUN-COM-15438 Datasheet
99Kb / 2P
TRS Audio Plug - 3.5mm (Metal)
7??2??9
More results

Similar Description - COM-15422

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
Fiber-Optic Accessories
logo
SparkFun Electronics
COM-12712 SPARKFUN-COM-12712 Datasheet
184Kb / 1P
Fiber Optic Fabric - Black (40x75 cm)
12/7/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com