Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-09102 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-09102
Description  LilyPad Protoboard Small
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-09102 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-09102 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Protoboard Small
DEV-09 102 RO HS
images are CC BY-NC-SA 3.0
Description: This is a small board for prototyping through hole components with the
LilyPad system. There are an array of pins all shorted together with 10mil traces. This
allows for quick and easy prototyping - all you have to do is cut the traces between
holes you don’t want connected! Standard 0.1" array. Check rear photo for trace
configuration.
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available. They’re even washable!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles and to Kate Hartman for product support and
continued development.
Dimensions:
• 20mm outer diameter
• Thin 0.8mm PCB
10/13/2015
https://www.sparkfun.com/products/9102


Similar Part No. - DEV-09102

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
More results

Similar Description - DEV-09102

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-10940 SPARKFUN-DEV-10940 Datasheet
102Kb / 1P
LilyPad SimpleSnap Protoboard
11/24/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
PRT-08619 SPARKFUN-PRT-08619 Datasheet
213Kb / 1P
ProtoBoard - Wombat (PTH)
3/24/2017
PRT-08808 SPARKFUN-PRT-08808 Datasheet
114Kb / 1P
ProtoBoard - Square 1 Single Sided
6??6??7
PRT-13268 SPARKFUN-PRT-13268 Datasheet
160Kb / 2P
SparkFun Snappable Protoboard
9/29/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com