Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOU417 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOU417
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU417 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOU417 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU417 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU417 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU417 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU417 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
RθJA
105
125
RθJL
2.5
3
V
V
±20
25
A
-18
16.2
50
A
Gate-Source Voltage
Drain-Source Voltage
-30
Pulsed Drain Current
-18
-18
-40
Avalanche Current C
Continuous Drain
Current B,G
Maximum
Units
Parameter
TA=25°C G
TA=100°C G
Absolute Maximum Ratings TA=25°C unless otherwise noted
ID
Junction and Storage Temperature Range
-55 to 175
Repetitive avalanche energy L=0.1mH C
mJ
Power Dissipation B
TC=25°C
PD
W
TC=100°C
°C
Maximum Junction-to-Case C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient A
Steady-State
°C/W
AOU417
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -30V
ID = -18A (VGS = -10V)
RDS(ON) < 22mΩ (VGS = -10V)
RDS(ON) < 40mΩ (VGS = -4.5V)
General Description
The AOU417 uses advanced trench technology to
provide excellent RDS(ON), and low gate charge.
This device is suitable for use as a load switch or in
PWM applications. Standard product AOU417 is Pb-
free (meets ROHS & Sony 259 specifications).
AOU417L is a Green Product ordering option.
AOU417 and AOU417L are electrically identical
.
G
D
S
Top View
Drain Connected
to Tab
TO-251
G
D S
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOU417

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOU417 VBSEMI-AOU417 Datasheet
971Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOU417 ISC-AOU417 Datasheet
353Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - AOU417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com