Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOU438 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOU438
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU438 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOU438 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU438 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU438 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU438 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU438 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
RθJA
100
RθJC
0.8
1.5
mJ
TC=100°C
ID
85
63
200
Avalanche Current
C
30
Pulsed Drain Current
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TC=25°C
G
TC=100°C
B
30
Gate-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Maximum Junction-to-Ambient
A
V
V
±20
Drain-Source Voltage
W
Junction and Storage Temperature Range
A
PD
°C
Steady-State
A
Repetitive avalanche energy L=0.1mH
C
112
Power Dissipation
B
100
50
-55 to 175
TC=25°C
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
°C/W
AOU438
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 85A (VGS = 10V)
RDS(ON) < 4.5mΩ (VGS = 10V)
RDS(ON) < 6.5mΩ (VGS = 4.5V)
General Description
The AOU438 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. This device is ideally suited for use
as a low side switch in CPU core power conversion.
Standard Product AOU438 is Pb-free (meets ROHS
& Sony 259 specifications). AOU438L is a Green
Product ordering option. AOU438 and AOU438L are
electrically identical .
G
D
S
Top View
Drain Connected
to Tab
TO-251
G
D S
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOU438

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOU438 VBSEMI-AOU438 Datasheet
994Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOU438 ISC-AOU438 Datasheet
353Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOU438

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com