Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER18505M Datasheet(PDF) 1 Page - Ultralife Corporation.

Part # ER18505M
Description  A Size Spiral Cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

ER18505M Datasheet(HTML) 1 Page - Ultralife Corporation.

  ER18505M Datasheet HTML 1Page - Ultralife Corporation. ER18505M Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Specifications
Part No.
ER18505M (UHR-ER18505)
Cell Type
Primary, non-rechargeable
Chemistry
Lithium Thionyl Chloride
Voltage Range
2.0V to 3.7V
Nominal Voltage
3.6V
Nominal Capacity
3.0Ah @ 1mA to 2.0V @ 23°C
Max. Continuous Discharge Current 600mA continuous
Max. Pulse Discharge Current
Up to 1000mA (life and temperature dependent)
Weight
32g
Operating Temperature
-55°C to 70°C
70°C to 85°C (max of 24 hours)
Storage Temperature 1
-55°C to 70°C
70°C to 85°C (max of 24 hours)
Exterior/Housing
Stainless steel container
Terminals/Connector
Radial tabs / radial pins / axial leads / flying leads
Transportation 2
A complete description of transportation
regulations, lithium weights and transportation
classifications is available on the Ultralife website.
Quality Assurance
Ultralife manufacturing facilities are ISO
9001:2008 and ISO 14001:2004 registered.
Its products are listed under the Component
Recognition Program of Underwriters Laboratories
(UL) and have passed UN transportation testing,
which is required for international transportation of
all lithium batteries.
Notes
1. Cells should be stored in temperatures less than 30°C for a shelf-life of greater than five years.
2. A complete description of transportation regulations, lithium weights and transportation classifications is
available on the Ultralife website.
Features
• High and flat operating voltage
• High power and higher energy for the
whole battery life
• High drain capability
• Higher power applications
• Low self-discharge rate (<1% per year at
20°C)
• Battery life higher than 10 years,
depending on the application
• Hermetic glass-to-metal sealing
• Avoid leakage, key for higher than 10
year battery life
• Non-flammable electrolyte
• Safer operation in case of abuse
• PTC device
• Safe operation in the event of a
short circuit
Typical Applications
• Military and other radio applications
• Alarm and security systems
• Beacons and emergency location
transmitters
• GPS
• Metering systems
• Sonobuoys
• LED lighting applications
ER18505M: A Size Spiral Cell
Technical Datasheet
ER18505M
Newark, New York | +1 315-332-7100 | Fax: +1 315-331-7800
©2017 Ultralife Corporation • www.ultralifecorp.com • All information is subject to change without notice.
The information contained herein is for reference only and does not constitute a warranty of performance. • 14 NOV 17 UBM-0064 Rev: B


Similar Part No. - ER18505M

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
ER18505M-H ULTRALIFE-ER18505M-H Datasheet
552Kb / 2P
A size spiral cell (power type)
Rev: -
More results

Similar Description - ER18505M

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
logo
Ultralife Corporation.
ER18505 ULTRALIFE-ER18505 Datasheet
292Kb / 2P
A Size Bobbin Cell
14 NOV 17 Rev: B
UHR-ER14505-H ULTRALIFE-UHR-ER14505-H Datasheet
275Kb / 2P
AA size spiral cell (power type)
Rev: -
UHR-ER14505-X ULTRALIFE-UHR-ER14505-X Datasheet
625Kb / 2P
AA size spiral cell (Generation X)
Rev: B
UHR-ER18505-H ULTRALIFE-UHR-ER18505-H Datasheet
552Kb / 2P
A size spiral cell (power type)
Rev: -
UHR-ER26500-H ULTRALIFE-UHR-ER26500-H Datasheet
294Kb / 2P
C size spiral cell (power type)
Rev: -
UHR-ER26500-X ULTRALIFE-UHR-ER26500-X Datasheet
538Kb / 2P
C size spiral cell (Generation X)
Rev: B
UHR-ER34615-H ULTRALIFE-UHR-ER34615-H Datasheet
272Kb / 2P
D size spiral cell (power type)
Rev: -
UHR-ER34615-X ULTRALIFE-UHR-ER34615-X Datasheet
452Kb / 2P
D size spiral cell (Generation X)
Rev: A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com