Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOU438L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOU438L
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU438L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOU438L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU438L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU438L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU438L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU438L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOU438
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.8
3
V
ID(ON)
85
A
3.5
4.5
TJ=125°C
5.4
6.5
5.4
6.5
m
Ω
gFS
106
S
VSD
0.72
1
V
IS
85
A
Ciss
3200
3840
pF
Coss
590
pF
Crss
414
pF
Rg
0.54
0.7
Ω
Qg(10V)
63
76
nC
Qg(4.5V)
33
40
nC
Qgs
8.6
nC
Qgd
17.6
nC
tD(on)
12
ns
tr
15.5
ns
tD(off)
40
ns
tf
14
ns
trr
34
41
ns
Qrr
30
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=4.5V, VDS=15V, ID=20A
Total Gate Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
m
Ω
VGS=4.5V, ID=20A
IS=1A,VGS=0V
VDS=5V, ID=20A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=24V, VGS=0V
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=100A/µs
A: The value of RθJA is measured with the device in a still air environment with TA =25°C.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=175°C.
G. The maximum current rating is limited by bond-wires.
Rev1: August 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com