Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOU448 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOU448
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU448 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOU448 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU448 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU448 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU448 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU448 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
44
55
RθJC
23
W
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
Steady-State
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
Pulsed Drain Current
C
Power Dissipation
B
TC=25°C
Continuous Drain
Current
G
Maximum
Units
Parameter
TC=25°C
TC=100°C
ID
75
56
200
Junction and Storage Temperature Range
A
PD
°C
50
25
-55 to 175
TC=100°C
Avalanche Current
C
30
Repetitive avalanche energy L=0.1mH
C
45
A
mJ
G
D
S
TO-251
Top View
Drain Connected
to Tab
AOU448
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 75A
RDS(ON) < 5.6mΩ (VGS = 10V)
RDS(ON) < 9mΩ (VGS = 4.5V)
General Description
The AOU448 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate
charge. This device is suitable for use in PWM, load
switching and general purpose applications. Standard
Product AOU448 is Pb-free (meets ROHS & Sony
259 specifications). AOU448L is a Green Product
ordering option. AOU448 and AOU448L are
electrically identical.
G
D
S
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOU448

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOU448 VBSEMI-AOU448 Datasheet
994Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOU448 ISC-AOU448 Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOU448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com