Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0830721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830721
Description  Cable marker carrier - KMK HP (29X8)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830721 Datasheet HTML 1Page - PHOENIX CONTACT 0830721 Datasheet HTML 2Page - PHOENIX CONTACT 0830721 Datasheet HTML 3Page - PHOENIX CONTACT 0830721 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0830721
09/11/2020   Page 1 / 4
Cable marker carrier - KMK HP (29X8) - 0830721
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable marker carrier, transparent, unlabeled, mounting type: Assembly with cable binders, cable diameter: ≥
6 mm, lettering field size: 29 x 8 mm
Your advantages
 Plastic cable markers for insert labels, for assembly with cable binders
 Plastic cable markers for marking and bundling conductors and cables indoors
 The markers have eyelets and are attached with cable binders
 The marked insert label is protected from dirt by the sealing cap
Key Commercial Data
Packing unit
100 pc
Minimum order quantity
100 pc
GTIN
GTIN
4046356725798
Technical data
Dimensions
Length (b)
29 mm
Width (a)
8 mm
Height (c)
29 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 125 °C
Ambient temperature (assembly)
-40 °C
General
Color
transparent
Type
Mounting set
Components
halogen-free


Similar Part No. - 0830721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830720 PHOENIX-0830720 Datasheet
188Kb / 5P
KMK HP (25X6) - Cable marker carrier
0830722 PHOENIX-0830722 Datasheet
185Kb / 5P
KMK HP (60X15) - Cable marker carrier
0830729 PHOENIX-0830729 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (51X25)R
More results

Similar Description - 0830721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828693 PHOENIX-0828693 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMD 300
1004076 PHOENIX-1004076 Datasheet
48Kb / 2P
Marker carriers - UBE/D ES/KMK 3
1004089 PHOENIX-1004089 Datasheet
49Kb / 2P
Marker carriers - UBE ES/KMK 3
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
1014107 PHOENIX-1014107 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (29X8)
09/11/2020
1014109 PHOENIX-1014109 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (40X17)
09/11/2020
0830425 PHOENIX-0830425 Datasheet
57Kb / 3P
Cable marker carrier - WM-CARRIER/B (85X15)LPR
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com