Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0913032 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0913032
Description  Fuse insert - S 6 A/380 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0913032 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0913032 Datasheet HTML 1Page - PHOENIX CONTACT 0913032 Datasheet HTML 2Page - PHOENIX CONTACT 0913032 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0913032
09/11/2020   Page 1 / 3
Fuse insert - S 6 A/380 V - 0913032
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fuse insert, nominal current: 6 A, length: 36 mm, diameter: 11 mm, color: green
Your advantages
 Contains no lead, cadmium, chromium 6 (ROHS-compliant)
 Colored indicating pins on the butt contact show the operating state
 NEOZED® fuse-links with gG characteristic for protecting lines and equipment
 Safe shutoff of impermissible overcurrents and short-circuit currents up to the nominal shutoff current
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4017918008130
Technical data
General
Color
green
Maximum power dissipation for nominal condition
1.8 W
Dimensions
Length
36 mm
Diameter
11 mm
General
Fuse
gL/gK NEOZED
Nominal current IN
6 A
Nominal voltage UN
400 V AC (250 V DC)
Ambient conditions
Ambient temperature (operation)
-60 °C ... 85 °C


Similar Part No. - 0913032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09130 ETC2-09130 Datasheet
132Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
09130 ETC2-09130 Datasheet
203Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
logo
DESCO INDUSTRIES INC
09130 DESCO-09130 Datasheet
490Kb / 3P
WRIST STRAPS & COIL CORDS
09130 DESCO-09130 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
CABLECRAFT A PART OF SH...
09130000Y BETADUCT-09130000Y Datasheet
730Kb / 4P
Betaduct PVC Open Slot Cable Trunking
More results

Similar Description - 0913032

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0610Q7 SCHNEIDER-LC1K0610Q7 Datasheet
172Kb / 4P
TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 380...400 V AC coil
Apr 27, 2021
RE22R2QEMT SCHNEIDER-RE22R2QEMT Datasheet
141Kb / 6P
Harmony, Modular timing relay, 8 A, 2 CO, 0.3 s...30 s, star delta, 380??15 V AC/DC
Aug 25, 2021
logo
PHOENIX CONTACT
0913016 PHOENIX-0913016 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
0913029 PHOENIX-0913029 Datasheet
58Kb / 3P
Fuse insert - S 4 A/380 V
09/11/2020
0913045 PHOENIX-0913045 Datasheet
58Kb / 3P
Fuse insert - S 10 A/380 V
09/11/2020
0913058 PHOENIX-0913058 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
0913061 PHOENIX-0913061 Datasheet
59Kb / 3P
Fuse insert - S 20 A/380 V
09/11/2020
0913090 PHOENIX-0913090 Datasheet
58Kb / 3P
Fuse insert - S 50 A/380 V
09/11/2020
0913100 PHOENIX-0913100 Datasheet
59Kb / 3P
Fuse insert - S 63 A/380 V
09/11/2020
logo
WOLFSPEED, INC.
CAS380M17HM3 WOLFSPEED-CAS380M17HM3 Datasheet
1Mb / 12P
1700 V, 380 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com