Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB405 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOB405
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB405 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOB405 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB405 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB405 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB405 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB405 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AOB405
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
ID=-10mA, VGS=0V
0
2
4
6
8
10
03
69
12
15
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
250
500
750
1000
0
1020
3040
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
100
µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=175°C, TA=25°C
VDS=-15V
ID=-12A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJC.RθJC
RθJC=3°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=175°C
TA=25°C
10
µs
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com