Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB405L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB405L
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB405L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB405L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB405L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB405L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB405L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB405L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
11
16
45
54
RθJC
2.5
3
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
TA=70°C
1.5
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
A
TA=25°C
PDSM
2.3
A
Repetitive avalanche energy L=0.1mH
C
mJ
Power Dissipation
B
TC=25°C
PD
W
TC=100°C
Avalanche Current
C
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TA=25°C
G
TA=100°C
G
Absolute Maximum Ratings TA=25°C unless otherwise noted
ID
Gate-Source Voltage
Drain-Source Voltage
-40
Pulsed Drain Current
-12
-12
-30
°C
V
V
±20
25
A
-12
30
50
AOB405
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -40V
ID = -12A (VGS = -10V)
RDS(ON) < 48mΩ (VGS = -10V)
RDS(ON) < 72mΩ (VGS = -4.5V)
General Description
The AOB405 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. With the excellent thermal resistance
of the D2PAK package, this device is well suited for
high current load applications. Standard Product
AOB405 is Pb-free (meets ROHS & Sony 259
specifications). AOB405L is a Green Product ordering
option. AOB405 and AOB405L are electrically
identical.
G
D
S
G
D
S
TO-263
D2-PAK
Top View
Drain Connected to
Tab
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOB405L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB405 ISC-AOB405 Datasheet
320Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - AOB405L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com