Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4420 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4420
Description  DLPC4420 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4420 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC4420 Datasheet HTML 9Page - Texas Instruments DLPC4420 Datasheet HTML 10Page - Texas Instruments DLPC4420 Datasheet HTML 11Page - Texas Instruments DLPC4420 Datasheet HTML 12Page - Texas Instruments DLPC4420 Datasheet HTML 13Page - Texas Instruments DLPC4420 Datasheet HTML 14Page - Texas Instruments DLPC4420 Datasheet HTML 15Page - Texas Instruments DLPC4420 Datasheet HTML 16Page - Texas Instruments DLPC4420 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Table 5-2. I/O Type Subscript Definition
SUBSCRIPT
DESCRIPTION
ESD STRUCTURE
2
3.3V LVTTL I/O Buffer with 8mA drive
ESD diode to VDD33 and GROUND
3
3.3V LVTTL I/O Buffer, with 12mA drive
4
3.3V LVTTL Receiver
5
3.3V LVTTL I/O Buffer with 8 mA drive, with Slew Rate Control
6
3.3V LVTTL I/O Buffer, with programmable 4mA, 8mA, or
12mA drive
7
1.8V LVDS (DMD I/F)
8
3.3V I2C with 3 mA sink
9
USB Compatible (3.3V)
10
OSC 3.3V I/O Compatible LVTTL
www.ti.com
DLPC4420
DLPS222 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLPC4420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com