Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4420ZPC Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4420ZPC
Description  DLPC4420 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4420ZPC Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPC4420ZPC Datasheet HTML 22Page - Texas Instruments DLPC4420ZPC Datasheet HTML 23Page - Texas Instruments DLPC4420ZPC Datasheet HTML 24Page - Texas Instruments DLPC4420ZPC Datasheet HTML 25Page - Texas Instruments DLPC4420ZPC Datasheet HTML 26Page - Texas Instruments DLPC4420ZPC Datasheet HTML 27Page - Texas Instruments DLPC4420ZPC Datasheet HTML 28Page - Texas Instruments DLPC4420ZPC Datasheet HTML 29Page - Texas Instruments DLPC4420ZPC Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
7 Detailed Description
7.1 Overview
As with prior DLP® electronics solutions, image data is 100% digital from the DLPC4420 input port to the image
projected on to the display screen. The image stays in digital form and is never converted into an analog signal.
The DLPC4420 processes the digital input image and converts the data into bit-plane format as needed by the
DMD. The DLPC4420 display controller is optimized for high-resolution and high-brightness display applications.
Applications include 4K Ultra High Definition (UHD) Display, Home Theatre, Smart Display, Digital Signage, and
Laser TV.
7.2 Functional Block Diagram
Figure 7-1. Functional Block Diagram
7.3 Feature Description
7.3.1 System Reset Operation
7.3.1.1 Power-up Reset Operation
Immediately following a power-up event, DLPC4420 hardware automatically brings up the Primary PLL and
places the controller in normal power mode, then the hardware follows the standard system reset procedure (see
Section 7.3.1.2).
7.3.1.2 System Reset Operation
Immediately following any type of system reset (Power-up reset, PWRGOOD reset, watchdog timer timeout,
lamp-strike reset), the DLPC4420 device automatically returns to NORMAL power mode in the following state:
• All GPIO are tri-stated.
• The Primary PLL remains active (it is reset only after a power-up reset sequence) and most of the derived
clocks are active. However, only those resets associated with the ARM9 processor and its peripherals are
released (the ARM9 is responsible for releasing all other resets).
• ARM9 associated clocks default to their full clock rates. (Boot-up is a full speed)
• All front end clocks derived are disabled.
DLPC4420
DLPS222 – DECEMBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com