| Electronic Components Datasheet Search |
|
OPAX182 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPAX182 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 43 page ![]() 9.2.1.2 Detailed Design Procedure The bridge sensor signal flow model is shown in Figure 9-2. Figure 9-2. Bridge Sensor Signal Flow Model The bridge sensor is modeled as a multiplier, with inputs from an excitation voltage and pressure sensor producing an output voltage given in Equation 1: bridge exc exc p V (P,V ) V K (P) u (1) Kp is the sensitivity of the bridge sensor, and is usually specified in mV/V. P represents the pressure relative to the range of the sensor, normalized to a scale from 0 to 1. Solving this equation with the variables given in the signal flow model and solving for Vout results in Equation 2: OS ref p out lin p V V G K (P) V (P) 1 G K K (P) u u u u (2) This equation has three variables, VOS, G and Klin, that require three equations to solve. To solve these equations. values of Kp at no load, midscale and full load conditions are needed for the sensor. With these values, the system can be linearized. With known values for Kp, Klin is calculated as shown in Equation 3: v ref lin out _ high out _ low v out _ high out _ low 4 B V K (V V ) 2 B (V V ) u u u u (3) In this equation, Bv represents the bridge nonlinearity, which is calculated as shown in Equation 4: p p p v p p K (1) K (0) K (0.5) 2 B K (1) K (0) (4) Bv is solved based on the sensor specifications, and the equation is then used to solve for Klin. Next, the system gain is calculated using Equation 5 and Equation 6. OS ref p out _ high lin p V V G K (1) V 1 G K K (1) u u u u (5) OS ref p out _ high lin p V V G K (0) V 1 G K K (0) u u u u (6) OPA182, OPA2182, OPA4182 SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021 www.ti.com 24 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: OPA182 OPA2182 OPA4182 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |