Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-10899 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-10899
Description  LilyTiny
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-10899 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-10899 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyTiny
DEV-10 899 RO HS
   8
images are CC BY-NC-SA 3.0
3D Download: Sketchup, STL, Blender
Description: The LilyTiny is a tiny little LilyPad board designed to add flashy
functionality to your project without taking up a lot of room. Even though it’s as small
as some of the LilyPad sensors, this board actually has an ATtiny microcontroller on it
so it’s actually pretty smart! Simply sew on 4 LEDs and connect a battery and the
LEDs will each blink or fade differently. One will blink on and off (2), another will flash
a heartbeat pattern (1), another will do a “breathing” fade (0) and the other will do a
random fade (3). LilyTiny is a quick and easy way to add twinkling lights to a project
without any programming or a bulky Main Board. It’s also a great educational tool for
showing a range of functionality without having to get out the computers.
If you’re an advanced user and want to re-program the LilyTiny, the ICSP
programming connectors are broken out on the back.
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available.
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
Dimensions:
• 20mm outer diameter
• Thin 0.8mm PCB
10/12/2015
https://www.sparkfun.com/products/10899


Similar Part No. - DEV-10899

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com