Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-11259 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-11259
Description  LilyPad Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11259 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-11259 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Power Supply
DEV-11 259 RO HS
images are CC BY-NC-SA 3.0
Description: A small, but mighty power supply. This board was designed to be as
small and inconspicuous as possible. Pop in a AAA battery, flip the power switch, and
you will have a 5V supply to power your LilyPad circuit. Good up to 200mA. Short
circuit protected.
This board has AAA battery clips but can use an input from 1.2V to 5V. Our lithium
polymer batteries are a good, rechargeable alternative.
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available. They’re even washable - but be sure
to remove the battery!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
Dimensions:
• 56x26mm
• Thin 0.8mm PCB
10/13/2015
https://www.sparkfun.com/products/11259


Similar Part No. - DEV-11259

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-11285 SPARKFUN-DEV-11285 Datasheet
106Kb / 1P
LilyPad Coin Cell Battery Holder - Switched - 20mm
10/13/2015
More results

Similar Description - DEV-11259

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09350 SPARKFUN-DEV-09350 Datasheet
96Kb / 1P
LilyPad Slide Switch
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
DEV-14346 SPARKFUN-DEV-14346 Datasheet
245Kb / 2P
LilyPad ProtoSnap Plus
10????7
DEV-14631 SPARKFUN-DEV-14631 Datasheet
451Kb / 2P
Lilypad USB Plus
6-11-18
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com