Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-12049 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-12049
Description  LilyPad Arduino USB - ATmega32U4 Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12049 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-12049 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Arduino USB - ATmega32U4 Board
DEV-12 049 RO HS
   2
images are CC BY-NC-SA 3.0
Description: The LilyPad Simple just got a whole lot… simpler. We’ve updated the
Simple board to create the LilyPad USB by replacing the classic ATMega328 with the
new ATMega32U4. Not only does that mean that it’s running a variation of the latest
and greatest bootloader, but it also means no more FTDI Basic! The only extra piece
of hardware you need to program the LilyPad USB is a micro-USB cable, since the
new IC has built-in USB support. The LilyPad USB is also officially supported in the
Arduino IDE as of version 1.0.2!
Just like the LilyPad Simple, this board features a JST socket so you can directly
connect a Li-Po battery for power and an on-board power switch so you can turn it off
when you’re not feeling particularly blinky. These boards were designed to streamline
your next sewable project by keeping things simple and giving you more room to work
while eliminating the need to sew a power supply. The LiPo battery is even
rechargeable through the board, no more special external LiPo chargers required!
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available. They’re even washable!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles and also to Arduino LLC to help fund
continued development of new tools and new IDE features.
Dimensions:
• 50mm outer diameter
• Thin 0.8mm PCB
10/13/2015
https://www.sparkfun.com/products/12049


Similar Part No. - DEV-12049

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-12081 SPARKFUN-DEV-12081 Datasheet
106Kb / 1P
Weather Shield
More results

Similar Description - DEV-12049

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09266 SPARKFUN-DEV-09266 Datasheet
109Kb / 1P
LilyPad Arduino 328 Main Board
10/13/2015
DEV-10274 SPARKFUN-DEV-10274 Datasheet
105Kb / 1P
LilyPad Arduino Simple Board
10/12/2015
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-13264 SPARKFUN-DEV-13264 Datasheet
98Kb / 1P
LilyPad Pixel Board
10/14/2015
DEV-14631 SPARKFUN-DEV-14631 Datasheet
451Kb / 2P
Lilypad USB Plus
6-11-18
logo
Infineon Technologies A...
CYBT-243053-EVAL INFINEON-CYBT-243053-EVAL Datasheet
1Mb / 3P
EZBTTM MODULE ARDUINO EVALUATION BOARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com