Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-12921 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-12921
Description  LilyPad XBee
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12921 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-12921 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad XBee
DEV-12 921 RO HS
images are CC BY-NC-SA 3.0
Description: The LilyPad XBee is a breakout board for the popular XBee modules
that can be sewn into your e-textile projects to provide them with a little “connectivity.”
This board includes easy-to-sew tabs and all the necessary power regulation to run
on the LilyPad system. Once sewn into your project just attach your favorite XBee to
the pre-soldered headers and you are good to go!
LilyPad is a wearable e-textile technology developed by Leah Buechley and
cooperatively designed by Leah and SparkFun. Each LilyPad was creatively designed
to have large connecting pads to allow them to be sewn into clothing. Various input,
output, power, and sensor boards are available. They’re even washable!
LilyPad XBee was co-developed by Kate Hartman and Rob Faludi. It works with all
the popular XBee module types!
Note: This LilyPad board does NOT include and XBee module.
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles and to Rob Faludi and Kate Hartman for
product support and continued development.
Dimensions:
• 50mm outer diameter
• Thin 0.8mm PCB
11/24/2015
https://www.sparkfun.com/products/12921


Similar Part No. - DEV-12921

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-12924 SPARKFUN-DEV-12924 Datasheet
90Kb / 1P
SparkFun MicroView - USB Programmer
4/16/2015
More results

Similar Description - DEV-12921

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09350 SPARKFUN-DEV-09350 Datasheet
96Kb / 1P
LilyPad Slide Switch
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
DEV-14346 SPARKFUN-DEV-14346 Datasheet
245Kb / 2P
LilyPad ProtoSnap Plus
10????7
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
WRL-11697 SPARKFUN-WRL-11697 Datasheet
113Kb / 2P
SparkFun XBee Explorer Dongle
6/24/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com