Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-12997 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-12997
Description  Raspberry Pi Enclosure - Black (RPi2, B)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12997 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-12997 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raspberry Pi Enclosure - Black (RPi2, B+)
DEV-12 997 RO HS
   1
images are CC BY-NC-SA 3.0
Description: The Raspberry Pi is THE new favorite of development platforms, so the
last thing that you’d want is for something bad to happen to it. Why not protect it with
one of these snazzy black plastic enclosures? These cases protect the RPi2 and
Model B+ from things like rogue wires that might short it out while still allowing full
access to the board as well as proper airflow to keep your new toy cool! Simply snap
the RPi into the bottom half of the enclosure, then snap the two sides together.
The enclosure provides slots to access the GPIO header, USB ports, Ethernet,
microSD card, HMDI, 3.5mm jack, and CSI connectors as well as rubber feet and
vents to ensure the board gets proper cooling and Pi Camera module mounting holes.
All of the status LEDs on the Pi are visible through the case thanks to tunnel recesses
embedded in the design and the two piece case can be taken apart without
unplugging any cables. This is a really slick case and once you’ve gotten your hands
on a Raspberry Pi, you’ll want to snag one of these to put it in!
Note: This case does NOT include a Raspberry Pi.
Dimensions: 93.4mm x 62.7mm x 31.1mm
11/16/2015
https://www.sparkfun.com/products/12997


Similar Part No. - DEV-12997

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-12996 SPARKFUN-DEV-12996 Datasheet
98Kb / 1P
Raspberry Pi Enclosure - Clear (RPi2, B)
11/16/2015
More results

Similar Description - DEV-12997

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
logo
SparkFun Electronics
DEV-12996 SPARKFUN-DEV-12996 Datasheet
98Kb / 1P
Raspberry Pi Enclosure - Clear (RPi2, B)
11/16/2015
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
RPI4-MODBP-8GB ETC-RPI4-MODBP-8GB Datasheet
1Mb / 6P
Raspberry Pi 4 Computer Model B
2019
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110060161 ETC-110060161 Datasheet
197Kb / 3P
GrovePi Starter Kit for Raspberry Pi A,B,B&2,3 (CE certified)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com