Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13264 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13264
Description  LilyPad Pixel Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13264 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13264 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Pixel Board
DEV-13 264 RO HS
images are CC BY-NC-SA 3.0
Description: We know you love adding color to your e-textiles, adding the LilyPad
Pixel Board to your project will only make it better. The pixel board is equipped with a
WS2812B which is actually an RGB LED with a WS2811 built right into the LED!
Several of these breakouts can be chained together to form a display or an
addressable string.
LilyPad is a wearable technology developed by Leah Buechley and cooperatively
designed by Leah and SparkFun. Each LilyPad was creatively designed to have large
connecting pads to allow them to be sewn into clothing. Various input, output, power,
and sensor boards are available. They’re even washable!
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
Dimensions:
• 20mm outer diameter
• Thin 0.9mm PCB
Page 1 of 1
10/14/2015
https://www.sparkfun.com/products/13264


Similar Part No. - DEV-13264

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13262 SPARKFUN-DEV-13262 Datasheet
505Kb / 8P
CAN-Bus Shield Hookup Guide
More results

Similar Description - DEV-13264

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09266 SPARKFUN-DEV-09266 Datasheet
109Kb / 1P
LilyPad Arduino 328 Main Board
10/13/2015
DEV-10274 SPARKFUN-DEV-10274 Datasheet
105Kb / 1P
LilyPad Arduino Simple Board
10/12/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12049 SPARKFUN-DEV-12049 Datasheet
108Kb / 1P
LilyPad Arduino USB - ATmega32U4 Board
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com