Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13754 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13754
Description  SparkFun Sensor Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13754 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13754 Datasheet HTML 1Page - SparkFun Electronics DEV-13754 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Kit Includes:
• Large Piezo Vibration Sensor - With Mass - A flexible film able to sense for
vibration, touch, shock, etc. When the film moves back and forth an AC wave is
created, with a voltage of up to ±90.
• Reed Switch - Senses magnetic fields, makes for a great non-contact switch.
• 0.25" Magnet Square - Plays nicely with the reed switch. Embed the magnet
into stuffed animals or inside a box to create a hidden actuator to the reed
switch.
• 0.5" Force Sensitive Resistor - A force-sensing resistor with a 0.5" diameter
sensing area. Great for sensing pressure (i.e., if it’s being squeezed).
• PIR Motion Sensor - Easy-to-use motion detector with an analog interface.
Power it with 5-12VDC, and you’ll be alerted of any movement.
• Mini Photocell - The photocell will vary its resistance based on how much light
it’s exposed to. Will vary from 1kΩ in the light to 10kΩ in the dark.
• QRD1114 Optical Detector/Phototransistor - An all-in-one infrared emitter and
detector. Ideal for sensing black-to-white transitions or can be used to detect
nearby objects.
• Altitude/Pressure Sensor - MPL3115A2 Breakout - Low-power, high-precision
barometric pressure sensor with I C output.
• Flex Sensor - As the sensor is flexed, the resistance across the sensor
increases. Useful for sensing motion or positioning
• SoftPot - These are very thin variable potentiometers. By pressing on various
positions along the strip, you vary the resistance.
• 9 Degrees of Freedom IMU Breakout - LSM9DS1 - This chip provides a 3-axis
accelerometer, 3-axis gyroscope, and 3-axis magnetometer. Connect this
board over I C or SPI and get started using one of the three sensors or using
all three together to determine 3D orientation.
• RGB and Gesture Sensor - APDS-9960 - This board does a little bit of
everything. You can measure ambient light or color as well as detect proximity
and do gesture sensing all over I C.
• Humidity and Temperature Sensor - Si7021 - A tiny (0.6"x0.6") board that will
provide humidity readings as well as very accurate temperature readings. This
I C board is great for weather applications.
• Soil Moisture Sensor (with screw terminals) - Ever wonder if your plant needs
water? This sensor outputs an analog signal based on the resistance of the
soil. Since water is conductive, the soil water content will be reflected in the soil
resistance.
• Capacitive Touch Breakout - This little board acts great as a non-mechanical
button. Use the pad on the board or connect your own input for a great touch
button with no moving parts.
• Sound Detector - Ever need to know if there is noise in an area? This board will
not only tell you, but it will also output amplitude as well as the full audio signal.
• IR Receiver Diode - This simple IR receiver will detect an IR signal coming
from a standard IR remote control or the IR diode included in the kit.
• IR Diode - This LED can handle up to 50mA of current and outputs in the 940-
950nm IR spectrum. Use to send signal to talk to the included IR receiver diode
or just turn off your neighbor’s TV.
• Resistor 10K Ohm 1/6th Watt PTH - 20 Pack - 1/6th Watt, +/- 5% tolerance
PTH resistors. Commonly used in breadboards and perf boards, these 10KΩ
resistors make excellent pullups, pulldowns and current limiters.
• Resistor 1.0M Ohm ¼ Watt PTH - Two ¼th Watt, +/- 5% tolerance PTH
resistors. Commonly used in breadboards and perf boards
• Resistor 330 Ohm 1/6W PTH - 20 pack - 1/6 Watt +/- 5% tolerance PTH
resistors. Commonly used in breadboards and perf boards, these 330Ω
resistors make excellent current-limiting resistors for LEDs.
2
2
2
2
Page 2 of 2
5/10/2016
https://www.sparkfun.com/products/13754



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com