Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13883 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13883
Description  LilyPad Coin Cell Battery Holder - Switched - 20mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13883 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13883 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Coin Cell Battery Holder - Switched -
20mm
DEV-13 883 RO HS
Description: Sure, your flashing, chip-tune playing T-shirt is really cool at the party…
but at some point you need to turn it off. And yes, you could just pull the battery, or
maybe you’ve even sewn a LilyPad slide switch in-line. Wouldn’t it be nice if there
was just a switch on the battery? Well, look no further.
This LilyPad Coin Cell Battery Holder has a small slide switch installed on the board,
in-line with the power so you can shut off your project and save batteries. This slide
switch is the same as on the LilyPad Slide Switch Board, so it’s not easy to
accidentally turn off or on.
Just like the original Coin Cell Battery Holder, this simple board holds a 20mm coin
cell battery (such as a CR2032) and gives you four connection points (two positive
and two negative) for sewing into your project. Additionally, we have strengthened the
battery connector on this board in order to ensure that it doesn’t accidentally pop off.
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
11/9/2016
https://www.sparkfun.com/products/13883


Similar Part No. - DEV-13883

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13814 SPARKFUN-DEV-13814 Datasheet
107Kb / 1P
Smooth Thread Bobbin - 12m (Stainless Steel)
4/12/2016
More results

Similar Description - DEV-13883

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDI-2032-0 POWERDYNAMICS-PDI-2032-0 Datasheet
47Kb / 1P
COIN CELL BATTERY HOLDER
logo
List of Unclassifed Man...
122-2512-GR ETC2-122-2512-GR Datasheet
232Kb / 1P
20mm Coin Cell Battery Holder
122-2520-GR ETC2-122-2520-GR Datasheet
188Kb / 1P
Single 20mm Coin Cell Holder
122-2582-GR ETC2-122-2582-GR Datasheet
216Kb / 1P
20mm Coin Cell Battery Holder
122-2620-GR ETC2-122-2620-GR Datasheet
93Kb / 1P
20mm Coin Cell Battery Holder
122-2820-GR ETC2-122-2820-GR Datasheet
188Kb / 1P
SMT 20mm Coin Cell Battery Holder
logo
Adam Technologies, Inc.
BH-47-1 ADAM-TECH-BH-47-1 Datasheet
65Kb / 1P
BATTERY COIN CELL HOLDER
BH-44-5 ADAM-TECH-BH-44-5 Datasheet
193Kb / 1P
BATTERY COIN CELL HOLDER
logo
SparkFun Electronics
DEV-10730 SPARKFUN-DEV-10730 Datasheet
101Kb / 1P
LilyPad Coin Cell Battery Holder - 20mm
11/24/2015
DEV-11285 SPARKFUN-DEV-11285 Datasheet
106Kb / 1P
LilyPad Coin Cell Battery Holder - Switched - 20mm
10/13/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com