Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14629 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14629
Description  LilyPad Light Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14629 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14629 Datasheet HTML 1Page - SparkFun Electronics DEV-14629 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
LilyPad Light Sensor
DEV-14629 ROHS
 
The LilyPad Light Sensor is a sewable breakout board with an ALS-PT19 light sensor built in and
ready to use right away. Each sensor outputs voltage between 0V and 3.3V depending on the level
of ambient light shining on it. As more light is applied on the sensor, more current will flow from the
board through the signal tab to the microcontroller you connect the sensor to. If the sensor receives
no light, no current will flow through it. In a typical indoor lighting situation, the sensor will output
around 1 to 2V. Adding this board into your next e-textile or wearable project will really open up the
possibilities by being able to incorporate light level sensing capabilities.
LilyPad is a wearable e-textile technology developed by Leah Buechley and cooperatively designed
by Leah and SparkFun. Each LilyPad was creatively designed to have large connecting pads to
allow them to be sewn into clothing. Various input, output, power, and sensor boards are available.
They’re even washable!


Similar Part No. - DEV-14629

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14631 SPARKFUN-DEV-14631 Datasheet
451Kb / 2P
Lilypad USB Plus
6-11-18
More results

Similar Description - DEV-14629

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-08777 SPARKFUN-DEV-08777 Datasheet
95Kb / 1P
LilyPad Temperature Sensor
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09350 SPARKFUN-DEV-09350 Datasheet
96Kb / 1P
LilyPad Slide Switch
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
DEV-14346 SPARKFUN-DEV-14346 Datasheet
245Kb / 2P
LilyPad ProtoSnap Plus
10????7
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com