Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15096 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15096
Description  SparkFun Serial Basic Breakout - CH340C and USB-C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15096 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15096 Datasheet HTML 1Page - SparkFun Electronics DEV-15096 Datasheet HTML 2Page - SparkFun Electronics DEV-15096 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SparkFun Serial Basic Breakout - CH340C and USB-C
DEV-15096 ROHS
This SparkFun Serial Basic Breakout is an easy-to-use USB-to-Serial adapter based on the CH340G
and takes advantage of the handy USB-C connector. With USB-C you can get up to three times the
power delivery over the previous USB generation at 1.5A and and also solves the universally
frustrating dilemma of plugging a USB cable in correctly, because it’s reversible! The Serial Basic
works with 5V and 3.3V systems and posseses the capability to auto install on most operating
systems without the need for additional drivers. The Serial Basic uses the CH340C IC to quickly and
easily convert serial signals to USB.
The pinout of the Serial Basic mimics the common DTR/RXI/TXO/VCC/CTS/GND pinout found on
hundreds of FTDI-to-USB derivatives. It can also be used as a general serial device for debugging
(such as with a GPS module). There is a jumper on the rear of the board that controls the output
voltage on the VCC pin. By default, the board outputs 3.3V and has 3.3V signals. Changing this
jumper to 5V will cause the board to output 5V on the VCC pin with 5V signals.


Similar Part No. - DEV-15096

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15046 SPARKFUN-DEV-15046 Datasheet
191Kb / 3P
SmartLED Shield V4 for Teensy
11??2??8
DEV-15083 SPARKFUN-DEV-15083 Datasheet
236Kb / 4P
SparkFun Qwiic Twist - RGB Rotary Encoder Breakout
12??8??8
More results

Similar Description - DEV-15096

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-10680 SPARKFUN-BOB-10680 Datasheet
106Kb / 1P
SparkFun Shift Register Breakout
BOB-12731 SPARKFUN-BOB-12731 Datasheet
109Kb / 1P
SparkFun USB to Serial Breakout
BOB-15100 SPARKFUN-BOB-15100 Datasheet
2Mb / 3P
SparkFun USB-C Breakout
12????8
BOB-15697 SPARKFUN-BOB-15697 Datasheet
530Kb / 2P
SparkFun Fuse Breakout Board
10????9
KIT-15702 SPARKFUN-KIT-15702 Datasheet
593Kb / 3P
SparkFun Fuse Breakout Kit
10????9
PRT-10217 SPARKFUN-PRT-10217 Datasheet
99Kb / 1P
SparkFun LiPo Charger Basic - Micro-USB
10/9/2015
PRT-10401 SPARKFUN-PRT-10401 Datasheet
103Kb / 1P
SparkFun LiPo Charger Basic - Mini-USB
10/9/2015
BOB-00716 SPARKFUN-BOB-00716 Datasheet
109Kb / 1P
SparkFun RJ45 Breakout
6/24/2015
BOB-11083 SPARKFUN-BOB-11083 Datasheet
100Kb / 1P
SparkFun FM Tuner Basic Breakout - Si4703
11/24/2015
DEV-09716 SPARKFUN-DEV-09716 Datasheet
660Kb / 2P
SparkFun FTDI Basic Breakout - 5V
6/24/2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com