Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15162 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15162
Description  SparkFun gator:bit v2.0 - micro:bit Carrier Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15162 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15162 Datasheet HTML 1Page - SparkFun Electronics DEV-15162 Datasheet HTML 2Page - SparkFun Electronics DEV-15162 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
  
SparkFun gator:bit v2.0 - micro:bit Carrier Board
DEV-15162
 
The SparkFun gator:bit v2.0 is an all-in-one “carrier” board for your micro:bit that provides you with a
fully functional development and prototyping platform. Almost every pin on the micro:bit is broken out
to pads that alligator (or crocodile, if you prefer) clips connect to so you can get the most out of it!
Whether it is data visualization using the five on-board addressable LEDs or creating musical works
of art using the built-in speaker, we’ve got it covered with the with the SparkFun gator:bit!
The major benefit of gator:bit that we have provided is safe access to as many GPIO as possible
from the micro:bit. Not only are pins 0, 1, 2, 8, 16, 5 (Button A), and 11 (Button B) broken out, but
they are also protected against over voltage and over current/short circuit. Pins 0, 1, and 2 are ADC
pins; while pins 8, 16, 5, and 11 are digital pins capable of read and write. Additionally, pins 13 (SPI),
14(SPI), 15(SPI), 19 (I2C), and 20 (I2C) can be used to read and write whatever digital signals you
could want. We go into much more detail about each pin and other attributes (like supplying voltage
out, light, and sound) in the SparkFun gator:bit Guide found below. Make sure to check that out!
Each SparkFun gator:bit can be powered from 2.7V - 9V giving you quite a range of powering
options. There are three ways of powering your gator:bit, from the barrel jack, through the alligator
clip pads labeled “VIN,” or through the micro:bit. Any voltage input between 2.7V and 9V will be
regulated to 3.3V to power the micro:bit, the speaker, and for use by any of the alligator clip pins.
Even without any external hardware, the gator:bit is still an exploratory development board for
micro:bit allowing the easiest access to it for educators, beginners, and pro-makers alike.


Similar Part No. - DEV-15162

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
More results

Similar Description - DEV-15162

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14484 SPARKFUN-DEV-14484 Datasheet
197Kb / 3P
SparkFun gator:bit
5??5??8
DEV-15270 SPARKFUN-DEV-15270 Datasheet
145Kb / 2P
SparkFun gator:log - micro:bit Accessory Board
9??2??9
DEV-15713 SPARKFUN-DEV-15713 Datasheet
221Kb / 2P
SparkFun moto:bit - micro:bit Carrier Board (Qwiic)
1??9??0
DEV-15837 SPARKFUN-DEV-15837 Datasheet
227Kb / 2P
SparkFun weather:bit - micro:bit Carrier Board (Qwiic)
2??0??0
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
SEN-15269 SPARKFUN-SEN-15269 Datasheet
152Kb / 2P
SparkFun gator:environment - micro:bit Accessory Board
6??4??9
SEN-15271 SPARKFUN-SEN-15271 Datasheet
179Kb / 2P
SparkFun gator:particle - micro:bit Accessory Board
6??4??9
SEN-15272 SPARKFUN-SEN-15272 Datasheet
111Kb / 2P
SparkFun gator:soil - micro:bit Accessory Board
6??4??9
SEN-15273 SPARKFUN-SEN-15273 Datasheet
131Kb / 2P
SparkFun gator:UV - micro:bit Accessory Board
9??2??9
SEN-15289 SPARKFUN-SEN-15289 Datasheet
197Kb / 2P
SparkFun gator:microphone - micro:bit Accessory Board
6??4??9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com