Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7883 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 9Page - Analog Devices LTC7883 Datasheet HTML 10Page - Analog Devices LTC7883 Datasheet HTML 11Page - Analog Devices LTC7883 Datasheet HTML 12Page - Analog Devices LTC7883 Datasheet HTML 13Page - Analog Devices LTC7883 Datasheet HTML 14Page - Analog Devices LTC7883 Datasheet HTML 15Page - Analog Devices LTC7883 Datasheet HTML 16Page - Analog Devices LTC7883 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC7883
13
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PCFG[A/B]: Phase Configuration Pins. Connect an
optional 1% resistor divider between VDD25 and GND to
these pins to configure the phase of each PWM channel
relative to SYNC.
VDD25[A/B]: Internal 2.5V Regulator Outputs. Bypass these
pins to GND with a low ESR 1µF capacitor. Do not short
these pins together or load them with external current
beyond that required for local LTC7883 configuration.
WP[A/B]: Write Protect Inputs. If WP is above 2V, PMBus
writes are restricted and any software WRITE_PROTECT
settings for that unit are overridden. These pins have an
internal 10µA pull-up to VDD33.
SHCLK[A/B]: Share Clock Open-Drain Outputs (bussed).
Share Clock, nominally 100kHz, is used to sequence mul-
tiple rails in a power system utilizing more than one ADI
PSM controller. A pull-up resistor is required in the appli-
cation. Minimize the capacitance on this line to ensure the
time constant is fast enough for the application. Operating
voltage range is GND to VDD33.
VDD33[A/B]: Internal 3.3V Regulator Outputs. Bypass these
pins to GND with a low ESR 2.2µF capacitor. The LTC7883
may also be powered from an external 3.3V rail attached
to these pins, if also shorted to VCC[A/B]. Otherwise do not
short these pins together or overload them with external
system current. Local pull-up resistors for the LTC7883
itself may be powered from VDD33.
VCC[A/B] (Pin 25): 3.3V Regulator Input(s). Bypass these
pins, which may be shorted together, to GND with a capac-
itor (0.1µF to 1µF ceramic) in close proximity to the IC.
VSNS[A/B][1:0]M: Negative Output Voltage Sense Inputs.
These pins must still be properly connected on slave
channels for accurate output current telemetry.
VSNS[A/B][1:0]P: Positive Output Voltage Sense Inputs.
These pins must still be properly connected on slave
channels for accurate output current telemetry.
CS[A/B][1:0]M: Current Sense Amplifier Inputs. These (–)
inputs to the amplifiers are normally connected to the low
side of a DCR sensing network or output current sense
resistor for each phase.
CS[A/B][1:0]P: Current Sense Amplifier Inputs. These
(+) inputs are normally connected to the high side of an
output current sense resistor or the R-C midpoint of a
parallel DCR sense circuit for each phase.
IAVG[A/B][1:0]: Average Current Control Pins. A capac-
itor connected between these pins and IAVGND stores a
voltage proportional to the average output current of the
master channel. PolyPhase control is then implemented
in part by connecting all slave IAVG pins together to the
master IAVG output. This pin should be left open on chan-
nels that control single-phase outputs. Operating voltage
range is GND to 2.1V.
FB[A/B][1:0]: Error Amplifier Inverting Inputs. These pins
provide an internally scaled version of the output voltage
for use in loop compensation.
GND: Ground. All GND balls must be soldered to a suitable
PCB copper ground plane for proper electrical operation
and to obtain the specified package thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com