Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4292 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC4292
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 35Page - Analog Devices LTC4292 Datasheet HTML 36Page - Analog Devices LTC4292 Datasheet HTML 37Page - Analog Devices LTC4292 Datasheet HTML 38Page - Analog Devices LTC4292 Datasheet HTML 39Page - Analog Devices LTC4292 Datasheet HTML 40Page - Analog Devices LTC4292 Datasheet HTML 41Page - Analog Devices LTC4292 Datasheet HTML 42Page - Analog Devices LTC4292 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
39
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
capacitor of at least 47μF, 100V and a bulk TVS are also
recommended per system.
LTC9102/LTC9103 Low Voltage Power Supplies
The LTC9102/LTC9103 includes internal voltage regula-
tors that generate low voltage supplies directly from the
main PoE power supply. At startup, an internal regula-
tor generates 6V at PWRIN, drawing power from AGND.
Internal 4.3V and 3.3V rails are sub-regulated from
PWRIN. The PWRIN pin requires a local 1μF, 100V bypass
capacitor.
Pull-up resistors can be connected from PWRIN to AGND
to dissipate heat outside the LTC9102/LTC9103 package.
Optionally, an external power supply can be connected
to PWRIN to override the startup regulator and reduce
power dissipation.
Figure 26 shows a pull-up resistor configuration with the
internal 3.3V regulator. Bypass resistors R1, R2, R3, and
R4 draw heat away from the LTC9102s/LTC9103s. Note
that the voltage of the PWRIN pin changes based on the
LTC9102/LTC9103 operating mode and its correspond-
ing current consumption. If more current is consumed
than the bypass resistors provide, the startup regulator
maintains the voltage at 6V typical. The LTC9102 can
operate without the pull-up resistors in space-constrained
applications.
In applications with an external PWRIN supply, a 6.5V reg-
ulator provides an optimum voltage to override the inter-
nal 6V start-up regulator, while minimizing the LTC9102
device heating. The external supply may be shared across
multiple LTC9102s/LTC9103s.
A 3.3V power supply can be connected directly to the
CAP3 pin, as shown in Figure 27. This provides the most
power efficient sleep mode. When supplying external 3.3V
power, tie the EXT3 pin to CAP3. This will disable the
internal 3.3V regulator and prevent power back-feed. The
3.3V regulator must power up within tCAP3EXT specified in
the electrical characteristics table.
Digital Power Supply
VDD provides digital power for the LTC9101-1 proces-
sor. A ceramic decoupling cap of at least 0.1μF should
be placed from each VDD to DGND, as close as practical
to each LTC9101-1. In addition, each LTC9101-1 must
include a bulk cap of 10µF for robust surge immunity.
A 1.2V core voltage supply is generated internally and
requires a 1µF ceramic decoupling cap between the CAP1
pin and DGND and between CAP2 and DGND.
In systems using ADI’s proprietary isolation, VDD should
be delivered by the host controller’s non-isolated 3.3V
supply. To maintain required isolation, LTC9102/LTC9103
AGND and LTC9101-1 DGND must not be connected.
If using the direct connection scheme, the LTC9101-1
DGND must be connected to LTC9102/LTC9103 VEE.
Main PoE Power Supply
VEE is the main isolated PoE supply that provides power
to the PDs. Because it supplies a relatively large amount
of power and is subject to significant current transients,
it requires more design care than a simple logic supply.
For minimum IR loss and best system efficiency, set VEE
near maximum amplitude (57V), leaving enough margin
to account for transient over or undershoot, temperature
drift, and the line regulation specifications of the particular
power supply used.
A bypass capacitor and a transient voltage suppressor(TVS)
between each LTC9102/LTC9103 AGND and VEE are very
important for reliable operation. If a short circuit occurs
at one of the output ports it can take as long as 1μs for
the LTC9102/LTC9103 to begin regulating the current.
During this time the current is limited only by the small
impedances in the circuit; a high current spike typically
occurs, causing a voltage transient on the VEE supply and
possibly causing the LTC9101-1/LTC9102/LTC9103 to
reset due to a UVLO fault. A 1μF, 100V X7R capacitor
and a SMAJ58A near each LTC9102/LTC9103 are recom-
mended to minimize spurious resets. An electrolytic bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com