Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201664 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201664
Description  Housing cover - BC 161,6 DKL R BK9005
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201664 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201664 Datasheet HTML 1Page - PHOENIX CONTACT 2201664 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2201664
11/05/2018   Page 1 / 2
Housing cover - BC 161,6 DKL R BK9005 - 2201664
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Housing cover, Cross connection: Component housing, color: black, width: 161.6 mm
Your advantages
 Item is from the BC product range
 Conforms to DIN EN 43880
 Tool-free mounting
 Available in overall widths from one to nine width units (17.8 mm ... 161.6 mm)
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail or the wall
 Optional with bus connector for DIN rail mounting
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
100 pc
GTIN
GTIN
4046356887076
Technical data
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals
Approvals
UL Recognized / EAC


Similar Part No. - 2201664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201665 PHOENIX-2201665 Datasheet
350Kb / 7P
BC 161,6 OT U22 BK - Upper housing part
More results

Similar Description - 2201664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200046 PHOENIX-2200046 Datasheet
55Kb / 2P
Housing cover - BC 107,6 DKL S KMGY
11/05/2018
2278539 PHOENIX-2278539 Datasheet
65Kb / 4P
Housing cover - BC 161,6 DKL R KMGY
09/12/2020
2278542 PHOENIX-2278542 Datasheet
66Kb / 4P
Housing cover - BC 161,6 DKL S TRANS
09/12/2020
2896131 PHOENIX-2896131 Datasheet
66Kb / 4P
Housing cover - BC 107,6 DKL S TRANS
09/12/2020
2896173 PHOENIX-2896173 Datasheet
64Kb / 4P
Housing cover - BC 107,6 DKL R KMGY
09/12/2020
1335860 PHOENIX-1335860 Datasheet
211Kb / 6P
Housing cover with touch display - BC 107,6 DKL R D2,4 KPG KMGY
Nov 3, 2022
1335862 PHOENIX-1335862 Datasheet
188Kb / 5P
Housing cover with touch display - BC 161,6 DKL R D2,4 TCG BK
Nov 3, 2022
1335863 PHOENIX-1335863 Datasheet
187Kb / 5P
Housing cover with touch display - BC 161,6 DKL R D2,4 TCG KMGY
Nov 3, 2022
1335864 PHOENIX-1335864 Datasheet
210Kb / 6P
Housing cover with touch display - BC 161,6 DKL RD2,4 KPG KMGY
Nov 3, 2022
1335858 PHOENIX-1335858 Datasheet
183Kb / 4P
Housing cover with touch display - BC 107,6 DKL RD2,4 TCG KMGY
Nov 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com