Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD607 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD607
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD607 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD607 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD607 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD607 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD607 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD607 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD607 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD607 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOD607
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.7
2.5
V
ID(ON)
40
A
20
25
TJ=125°C
28
34
27.5
34
m
Ω
gFS
25
S
VSD
0.75
1
V
IS
18
A
Ciss
1040
1250
pF
Coss
180
pF
Crss
110
pF
Rg
0.7
1.5
Ω
Qg(10V)
19.8
25
nC
Qg(4.5V)
9.8
12.5
nC
Qgs
2.5
nC
Qgd
3.5
nC
tD(on)
4.5
ns
tr
3.9
ns
tD(off)
17.4
ns
tf
3.2
ns
trr
19
25
ns
Qrr
8nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=10V, VDS=15V, ID=12A
Total Gate Charge
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=1.25Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
IS=1A,VGS=0V
VDS=5V, ID=12A
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=24V, VGS=0V
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
N-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge
IF=12A, dI/dt=100A/µs
VGS=10V, ID=12A
Reverse Transfer Capacitance
IF=12A, dI/dt=100A/µs
m
Ω
VGS=4.5V, ID=5A
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The Power
dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends on the user's
specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature T J(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA curve
provides a single pulse rating.
G. The maximum current rating is limited by bond-wires.
Rev 0: March 2006
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com