Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15270 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15270
Description  SparkFun gator:log - micro:bit Accessory Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15270 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15270 Datasheet HTML 1Page - SparkFun Electronics DEV-15270 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun gator:log - micro:bit Accessory Board
DEV-15270
The gator:log is the perfect data logging tool for your next experiment. With the automation of the
data collection process, gone are the days of rushing around with a pen and composition notebook
to simultaneously record data and your observations. Now, you only need to sit back and observe
your experiment.
The gator:log allows a student(s) to focus more on what is happening in the experiment than
watching a thermometer or sensor readout. Additionally, a micro:bit can still be used to provide a
graphical display for observing changes in data, when a sensor readout is required. If tied in
conjunction with the gator:RTC, stop watches on time based experiments can become a thing of the
past too (with the added benefit of more accurate timing results)!
The micro:bit is a pocket-sized computer that lets you get creative with digital technology. Between
the micro:bit and our shield-like bit boards you can do almost anything while coding, customizing and
controlling your micro:bit from almost anywhere! You can use your micro:bit for all sorts of unique
creations, from robots to musical instruments and more. At half the size of a credit card, this versatile
board has vast potential!
FEATURES
ATmega328P microcontroller
µSD (micro SD) card slot for µSD card for data storage
Two status indicator LEDs
Serial connection via RX and TX pads
GND and 3V3 pads for 3.3V power connection


Similar Part No. - DEV-15270

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15046 SPARKFUN-DEV-15046 Datasheet
191Kb / 3P
SmartLED Shield V4 for Teensy
11??2??8
DEV-15083 SPARKFUN-DEV-15083 Datasheet
236Kb / 4P
SparkFun Qwiic Twist - RGB Rotary Encoder Breakout
12??8??8
DEV-15096 SPARKFUN-DEV-15096 Datasheet
1Mb / 3P
SparkFun Serial Basic Breakout - CH340C and USB-C
12??8??8
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15162 SPARKFUN-DEV-15162 Datasheet
177Kb / 3P
SparkFun gator:bit v2.0 - micro:bit Carrier Board
2??1??9
More results

Similar Description - DEV-15270

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15162 SPARKFUN-DEV-15162 Datasheet
177Kb / 3P
SparkFun gator:bit v2.0 - micro:bit Carrier Board
2??1??9
DEV-15713 SPARKFUN-DEV-15713 Datasheet
221Kb / 2P
SparkFun moto:bit - micro:bit Carrier Board (Qwiic)
1??9??0
DEV-15837 SPARKFUN-DEV-15837 Datasheet
227Kb / 2P
SparkFun weather:bit - micro:bit Carrier Board (Qwiic)
2??0??0
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
KIT-16274 SPARKFUN-KIT-16274 Datasheet
197Kb / 2P
SparkFun micro:climate kit for micro:bit - v3.0
2??0??0
SEN-15269 SPARKFUN-SEN-15269 Datasheet
152Kb / 2P
SparkFun gator:environment - micro:bit Accessory Board
6??4??9
SEN-15271 SPARKFUN-SEN-15271 Datasheet
179Kb / 2P
SparkFun gator:particle - micro:bit Accessory Board
6??4??9
SEN-15272 SPARKFUN-SEN-15272 Datasheet
111Kb / 2P
SparkFun gator:soil - micro:bit Accessory Board
6??4??9
SEN-15273 SPARKFUN-SEN-15273 Datasheet
131Kb / 2P
SparkFun gator:UV - micro:bit Accessory Board
9??2??9
SEN-15289 SPARKFUN-SEN-15289 Datasheet
197Kb / 2P
SparkFun gator:microphone - micro:bit Accessory Board
6??4??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com