Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15316 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15316
Description  SparkFun Servo pHAT for Raspberry Pi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15316 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15316 Datasheet HTML 1Page - SparkFun Electronics DEV-15316 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun Servo pHAT for Raspberry Pi
DEV-15316
 
The SparkFun Servo pHAT for Raspberry Pi allows your Raspberry Pi to control up to 16 servo
motors in a straightforward and uncomplicated manner via an I2C connection. Thanks to its I2C
capabilities, this PWM HAT saves the Raspberry Pi's GPIO pins, allowing you to use them for other
purposes. The Servo pHAT also adds a serial terminal connection, which will allow you to bring up a
Raspberry Pi without having to hook it up to a monitor and keyboard. We have provided a Qwiic
connector for easy interfacing with the I2C bus using the Qwiic system, and a 4-pin header
specifically for connecting to the Sphero RVR.
Power to the SparkFun Servo pHAT can be supplied through USB-C connector. This will power
either the servo motors only, or power the servo motors as well as the Raspberry Pi that is
connected to the HAT. We switched to USB-C to allow you to bring more current to your servos than
ever before. This USB-C connector can also be used to hook up the Pi via serial port connection to
avoid having to use a monitor and keyboard for setting up the Pi. To supply power only to the servo
power rail (and not the Pi's 5V power rail), you just need to cut a small trace on the isolation jumper.
Doing this allows you to drive heavier loads coming from multiple or larger servos. We've even
added power protection circuits to the design, to avoid damage to power sources.
Each of this pHAT's 16 servo motor pin headers has been spaced out to the standard 3-pin servo
pinout (ground, 5V, signal) to make it easier to attach your servo motors. The Servo pHAT is the
same size and form factor as a Raspberry Pi Zero and Zero W, but it can also operate with a regular
Raspberry Pi (not yet tested on the Raspberry Pi 4).
Note: This HAT includes headers to connect to a Raspberry Pi, so there is no soldering required to
get up and running quickly.


Similar Part No. - DEV-15316

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15334 SPARKFUN-DEV-15334 Datasheet
285Kb / 3P
SparkFun Qwiic 12 Bit ADC ??4 Channel (ADS1015)
12????9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
More results

Similar Description - DEV-15316

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com