Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15351 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15351
Description  SparkFun Qwiic pHAT for Raspberry Pi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15351 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15351 Datasheet HTML 1Page - SparkFun Electronics DEV-15351 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
SparkFun Qwiic pHAT for Raspberry Pi
DEV-15351
 
The SparkFun Qwiic pHAT for Raspberry Pi (based on the original Qwiic Hat) provides you with the
quickest and easiest way to enter into SparkFun’s Qwiic ecosystem while still using that Raspberry
Pi that you’ve come to know and love. The Qwiic pHAT connects the I2C bus (GND, 3.3V, SDA and
SCL) on your Raspberry Pi to an array of Qwiic connectors on the HAT. Since the Qwiic system
allows for daisy chaining boards with different addresses, you can stack as many sensors as you’d
like to create a tower of sensing power!
The Qwiic pHAT has four Qwiic connect ports, all on the same I2C bus. This HAT is compatible with
any Raspberry Pi that utilizes the standard 2x20 GPIO header. It is also compatible with the NVIDIA
Jetson Nano as well as the Google Coral.
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.
Note: When placing a Raspberry Pi and the pHat in an enclosure (like the Pi Tin), we noticed that
the pHAT was not fully inserted in Pi's header pins.
FEATURES
4x Qwiic Connection Ports
 


Similar Part No. - DEV-15351

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15334 SPARKFUN-DEV-15334 Datasheet
285Kb / 3P
SparkFun Qwiic 12 Bit ADC ??4 Channel (ADS1015)
12????9
More results

Similar Description - DEV-15351

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-14477 SPARKFUN-DEV-14477 Datasheet
160Kb / 2P
SparkFun Qwiic Shield for Photon
12-4-17
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com