Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15421 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15421
Description  Teensy Audio Adaptor Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15421 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15421 Datasheet HTML 1Page - SparkFun Electronics DEV-15421 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Teensy Audio Adaptor Board
DEV-15421
This is the Teensy Audio Adapter Board that can be added to a Teensy 3.0, 3.1, 3.2, 3.5 or 3.6 for
your next audio project. The shield provides you with an easy-to-use tool to add high quality 16 bit,
44.1 kHz sample rate audio to your Teensy. With the audio library provided in the Documents tab,
you will be able to use both the input and output simultaneously in order to make a variety of great
audio projects, incorporate synth waveforms, effects, and mix multiple sound streams and CD quality
audio to your headphones or different line outs!
The Teensy Audio board utilizes the SGTL5000 stereo codec with headphone amp IC to decode and
drive audio files and the Cortex-M4 DSP instructions from the Teensy dev board to provide power to
a real-time FFT. Each board is also equipped with 3.5mm audio jack for headphones, a micro-SD
card slot for storing audio files, and optional spaces for a 25k potentiometer (volume control) and
flash memory chip. The two rows of 14x1 headers are not included to give you the freedom to
choose how to connect your audio board with your Teensy.
Note: Please be aware that a Teensy 3.0, 3.1, 3.2, 3.5 or 3.6 will also need to be purchased to get
your Teensy Audio Adaptor Board operational.


Similar Part No. - DEV-15421

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15046 SPARKFUN-DEV-15046 Datasheet
191Kb / 3P
SmartLED Shield V4 for Teensy
11??2??8
DEV-15083 SPARKFUN-DEV-15083 Datasheet
236Kb / 4P
SparkFun Qwiic Twist - RGB Rotary Encoder Breakout
12??8??8
DEV-15096 SPARKFUN-DEV-15096 Datasheet
1Mb / 3P
SparkFun Serial Basic Breakout - CH340C and USB-C
12??8??8
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15162 SPARKFUN-DEV-15162 Datasheet
177Kb / 3P
SparkFun gator:bit v2.0 - micro:bit Carrier Board
2??1??9
More results

Similar Description - DEV-15421

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-12767 SPARKFUN-DEV-12767 Datasheet
120Kb / 1P
Teensy Audio Board
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-15845 SPARKFUN-DEV-15845 Datasheet
268Kb / 2P
Teensy Audio Adapter Board (Rev D)
12??2??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com