Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15583 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15583
Description  Teensy 4.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15583 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15583 Datasheet HTML 1Page - SparkFun Electronics DEV-15583 Datasheet HTML 2Page - SparkFun Electronics DEV-15583 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
Teensy 4.0
DEV-15583
Teensy 4.0 is the latest Teensy, offering the fastest microcontroller and powerful peripherals in the
Teensy 1.4 by 0.7 inch form factor. It features an ARM Cortex-M7 processor at 600MHz, with a NXP
iMXRT1062 chip, the fastest microcontroller available today. Teensy 4.0 is the same size and shape
as Teensy 3.2, and retains compatibility with most of the pin functions on Teensy 3.2.
When running at 600 MHz, Teensy 4.0 consumes approximately 100mA current. Teensy 4.0
provides support for dynamic clock scaling. Unlike traditional microcontrollers, where changing the
clock speed causes wrong baud rates and other issues, Teensy 4.0 hardware and Teensyduino's
software support for Arduino timing functions are designed to allow dynamically speed changes.
Serial baud rates, audio streaming sample rates, and Arduino functions like delay() and millis(), and
Teensyduino's extensions like IntervalTimer and elapsedMillis, continue to work properly while the
CPU changes speed. Teensy 4.0 also provides a power shut off feature. By connecting a pushbutton
to the On/Off pin, the 3.3V power supply can be completely disabled by holding the button for 5
seconds, and turned back on by a brief button press. If a coin cell is connected to VBAT, Teensy
4.0's RTC also continues to keep track of date & time while the power is off. Teensy 4.0 also can
also be overclocked, well beyond 600MHz!


Similar Part No. - DEV-15583

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15573 SPARKFUN-DEV-15573 Datasheet
1Mb / 31P
Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
More results

Similar Description - DEV-15583

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRT-13925 ETC2-PRT-13925 Datasheet
97Kb / 1P
Teensy Header Kit
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-13996 SPARKFUN-DEV-13996 Datasheet
217Kb / 2P
Teensy Prop Shield LC
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com