Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B42 Datasheet(PDF) 2 Page - Analog Devices

Part # 3B42
Description  Isolated AC Sine Wave Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B42 Datasheet(HTML) 2 Page - Analog Devices

  3B42 Datasheet HTML 1Page - Analog Devices 3B42 Datasheet HTML 2Page - Analog Devices 3B42 Datasheet HTML 3Page - Analog Devices 3B42 Datasheet HTML 4Page - Analog Devices 3B42 Datasheet HTML 5Page - Analog Devices 3B42 Datasheet HTML 6Page - Analog Devices 3B42 Datasheet HTML 7Page - Analog Devices 3B42 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3B42 / 3B43 / 3B44
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 3B42, 3B43, and 3B44 are single-channel AC sine wave
signal conditioning modules which use an AC averaging
technique to rectify, amplify, and filter 50 Hz to 400 Hz sine-
wave signals ranging from 20 mV to 550 V rms to give an rms
output reading. Simultaneous precision voltage and current
outputs are provided including isolation (+1500 V peak input-
to-output and power). The 3B42 and 3B43 modules withstand
220 V rms, and Model 3B44 withstands 550 V rms at its input
terminals without damage, thereby shielding computer-side
circuitry from field-side over-voltage conditions. Each plug-in,
mix-and-match, hot-swappable module is easily field calibrated
via front-panel zero and span adjustments for both voltage and
current outputs.
3B Series Custom-Ranging Program – Externally-
programmable versions, Models 3B42-00, 3B43-00, and 3B44-
00, enable the user to configure a special input range by using
the optional plug-on AC1310 ranging card, which houses user-
supplied resistors to determine zero and span. To facilitate
selecting resistors, a Windows program, 3B-CUSTOM,
calculates resistor values based on the user-desired input/output
ranges.
Signal isolation by transformer coupling uses a proprietary
modulation technique for linear, stable and reliable
performance. The differential input circuit on the field side is
fully floating, eliminating the need for any input grounding. A
demodulator on the computer side of the signal transformer
recovers the original signal, which is then filtered and buffered
to provide a low-noise, low-impedance output signal.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com