Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP581 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP581
Description  Ultrafast SiGe Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP581 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP581 Datasheet HTML 1Page - Analog Devices ADCMP581 Datasheet HTML 2Page - Analog Devices ADCMP581 Datasheet HTML 3Page - Analog Devices ADCMP581 Datasheet HTML 4Page - Analog Devices ADCMP581 Datasheet HTML 5Page - Analog Devices ADCMP581 Datasheet HTML 6Page - Analog Devices ADCMP581 Datasheet HTML 7Page - Analog Devices ADCMP581 Datasheet HTML 8Page - Analog Devices ADCMP581 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary Technical Data
ADCMP580/ADCMP581/ADCMP582
Rev. PrA | Page 4 of 16
Parameter
Symbol
Condition
Min
Typ
Max
Unit
ADCMP582 (PECL)
Output Voltage High Level
VOH
50 Ω to VCCO − 2.0 V
VCCO − 0.9
VCCO − 0.80
VCCO− 0.70
V
Output Voltage Low Level
VOL
50 Ω to VCCO − 2.0 V
VOH − 0.45
VOH − 0.40
VOH − 0.35
V
Output Voltage Differential
50 Ω to VCCO − 2.0 V
350
400
450
mV
AC PERFORMANCE
Propagation Delay
tPD
VOD = 200 mV
150
ps
Propagation Delay
VOD = 20 mV
165
ps
Propagation Delay Tempco
∆tPD/dT
0.5
ps/°C
Prop Delay Skew—Rising Transition
to Falling Transition
VOD = 200 mV, 5 V/ns
10
ps
Overdrive Dispersion
50 mV < VOD < 1.0 V
10
ps
5 mV < VOD < 1.0 V
15
ps
Slew Rate Dispersion
2 V/ns to 10 V/ns
25
ps
Pulse Width Dispersion
100 ps to 5 ns
5
ps
Duty Cycle Dispersion
1.0 V/ns, VCM = 0.0 V
10
ps
1.0 V/ns, VCM = 2.0 V
5
ps
Common-Mode Dispersion
VOD = 0.4V , −2 V < VCM < 3 V
5
ps/V
Equivalent Input Bandwidth1
BWEQ
0.0 V to 400 mV input
tR = tF = 25 ps, 20/80
8.0
GHz
Toggle Rate
>50% Output Swing
12.5
Gbps
Deterministic Jitter
DJ
VOD = 200 mV, 5 V/ns
PRBS31 − 1 NRZ, 4 Gbps
10
ps
Deterministic Jitter
DJ
VOD = 200 mV, 5 V/ns
PRBS31 − 1 NRZ, 10 Gbps
TBD
ps
RMS Random Jitter
RJ
VOD = 200 mV, 5 V/ns, 1.25 GHz
0.2
ps
Minimum Pulse Width
PWMIN
tPD/PW < 5 ps
100
ps
Minimum Pulse Width
PWMIN
tPD/PW < 10 ps
80
ps
Rise Time
tR
20/80
35
ps
Fall Time
tF
20/80
35
ps
POWER SUPPLY
Positive Supply Voltage
VCCI
+4.5
+5.0
+5.5
V
Negative Supply Voltage
VEE
−5.5
−5.0
−4.5
V
Logic Supply Voltage
VCCO
+4.5/+2.0
+5.0/+2.5
+5.5/+3.0
V
ADCMP580 (CML)
Positive Supply Current
IVCCI
VCCI = +5.0 V, 50 Ω to Ground
6
8
mA
Negative Supply Current
IVEE
VEE = −5.0 V, 50 Ω to Ground
43
50
mA
Power Dissipation
PD
50 Ω to Ground
244
260
mW
ADCMP581 (NECL)
Positive Supply Current
IVCCI
VCCI = +5.0 V, 50 Ω to −2 V
6
8
mA
Negative Supply Current
IVEE
VEE = −5.0 V, 50 Ω to −2 V
28
35
mA
Power Dissipation
PD
50 Ω to −2 V
218
240
mW
ADCMP582 (PECL)
Positive Supply Current
IVCCI + IVCCO
VCCI = +5.0 V, VCCO = +5.0 V
50 Ω to VCCO − 2 V
47
55
mA
Negative Supply Current
IVEE
VEE = −5.0 V, 50 Ω to VCCO − 2 V
28
35
mA
Power Dissipation
PD
50 Ω to VCCO − 2 V
253
275
mW
Power Supply Rejection (VCCI)
PSRVCCI
VCCI=5.0 V + 5%
70
dB
Power Supply Rejection (VEE)
PSRVEE
VEE=-5.0 V + 5%
75
dB
Power Supply Rejection (VCCO)
PSRVCCO
VCCO=3.3 V + 5%
70
dB
1 Equivalent Input Bandwidth assumes a simple first-order input response and is calculated with the following formula: BWEQ = 0.22/
√(tr
COMP
2 – trIN2), where trIN
is the 20/80 transition time of a quasi-Gaussian input edge applied to the comparator input and trCOMP is the effective transition time digitized by the
comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com