Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP582 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP582
Description  Ultrafast SiGe Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP582 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP582 Datasheet HTML 1Page - Analog Devices ADCMP582 Datasheet HTML 2Page - Analog Devices ADCMP582 Datasheet HTML 3Page - Analog Devices ADCMP582 Datasheet HTML 4Page - Analog Devices ADCMP582 Datasheet HTML 5Page - Analog Devices ADCMP582 Datasheet HTML 6Page - Analog Devices ADCMP582 Datasheet HTML 7Page - Analog Devices ADCMP582 Datasheet HTML 8Page - Analog Devices ADCMP582 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADCMP580/ADCMP581/ADCMP582
Rev. PrA | Page 3 of 16
ELECTRICAL CHARACTERISTICS
VCCI = +5.0 V, VEE = −5.0 V, VCCO = +3.3 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Input Voltage Range
VP, VN
−2.0
+3.0
V
Input Differential Range
−2.0
+2.0
V
Input Offset Voltage
VOS
−5.0
±2.0
+5.0
mV
Offset Voltage Tempco
∆VOS/dT
10.0
µV/°C
Input Bias Current
IP, IN
Open termination
15.0
30.0
µA
Input Bias Current Tempco
50.0
nA/°C
Input Offset Current
2.0
5.0
µA
Input Capacitance
CP, CN
TBD
pF
Input Resistance
47.5
50
52.5
Input Resistance, Differential Mode
Open termination
50
kΩ
Input Resistance, Common Mode
Open termination
500
kΩ
Active Gain
AV
48
dB
Common-Mode Rejection
CMRR
VCM = −2.0 V to +3.0 V
50
dB
Hysteresis
RHYS = ∞
±1
mV
LATCH ENABLE CHARACTERISTICS
ADCMP580 (CML)
Latch Enable Input Range
−0.8
0
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 100 mV
60
ps
Latch Hold Time
tH
VOD = 100 mV
0
ps
ADCMP581 (NECL)
Latch Enable Input Range
−1.8
+0.8
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 100 mV
25
ps
Latch Hold Time
tH
VOD = 100 mV
0
ps
ADCMP582 (PECL)
Latch Enable Input Range
VCCO − 1.8
VCCO − 0.8
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 100 mV
5
ps
Latch Hold Time
tH
VOD = 100 mV
0
ps
Latch Enable Input Impedance
47.5
50.0
52.5
ps
Latch to Output Delay
tPLOH, tPLOL
VOD = 100 mV
150
ps
Latch Minimum Pulse Width
tPL
VOD = 100 mV
100
ps
DC OUTPUT CHARACTERISTICS
ADCMP580 (CML)
Output Impedance
ZOUT
47.5
50
52.5
Output Voltage High Level
VOH
50 Ω to GND
−0.10
−0.05
0.00
V
Output Voltage Low Level
VOL
50 Ω to GND
VOH − 0.45
VOH − 0.40
VOH − 0.35
V
Output Voltage Differential
50 Ω to GND
350
400
450
mV
Temperature Coefficient, VOH
∆VOH/dT
50 Ω to GND
TBD
mV/°C
Temperature Coefficient, VOL
∆VOL/dT
50 Ω GND
TBD
mV/°C
ADCMP581 (NECL)
Output Voltage High Level
VOH
50 Ω to −2.0 V
−0.90
−0.80
−0.70
V
Output Voltage Low Level
VOL
50 Ω to −2.0 V
VOH − 0.45
VOH − 0.40
VOH − 0.35
V
Output Voltage Differential
50 Ω to −2.0 V
350
400
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com