Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP580BCP Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP580BCP
Description  Ultrafast SiGe Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580BCP Datasheet(HTML) 1 Page - Analog Devices

  ADCMP580BCP Datasheet HTML 1Page - Analog Devices ADCMP580BCP Datasheet HTML 2Page - Analog Devices ADCMP580BCP Datasheet HTML 3Page - Analog Devices ADCMP580BCP Datasheet HTML 4Page - Analog Devices ADCMP580BCP Datasheet HTML 5Page - Analog Devices ADCMP580BCP Datasheet HTML 6Page - Analog Devices ADCMP580BCP Datasheet HTML 7Page - Analog Devices ADCMP580BCP Datasheet HTML 8Page - Analog Devices ADCMP580BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultrafast SiGe
Voltage Comparator
Preliminary Technical Data
ADCMP580/ADCMP581/ADCMP582
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
150 ps propagation delay
25 ps overdrive and slew rate dispersion
8 GHz equivalent input rise time bandwidth
100 ps minimum pulse width
35 ps typical output rise/fall
10 ps deterministic jitter(DJ)
200 fs random jitter (RJ)
−2 V to +3 V input range with +5 V/−5.2 V supplies
On-chip terminations at both input pinsl
Resistor-programmable hysteresis
Differential latch control
Power supply rejection > 70 dB
APPLICATIONS
Automatic test equipment (ATE)
High speed instrumentation
Pulse spectroscopy
Medical imaging and diagnostics
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Clock and data signal restoration
GENERAL DESCRIPTION
The ADCMP580/ADCMP581/ADCMP582 are ultrafast voltage
comparators fabricated on Analog Devices, Inc.’s proprietary
XFCB3 Silicon Germanium (SiGe) bipolar process. The
ADCMP580 features CML output drivers; the ADCMP581
features reduced swing ECL (negative ECL) output drivers; and
the ADCMP582 features reduced-swing PECL (positive ECL)
output drivers.
The three comparators offer 150 ps propagation delay and 100
ps minimum pulse width for 10 Gbps operation with 200 fs
random jitter (RJ). Overdrive and slew rate dispersion is
typically less than 25 ps.
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VTP TERMINATION
VTN TERMINATION
VN INVERTING
INPUT
LE INPUT
HYS
Q OUTPUT
Q OUTPUT
LE INPUT
ADCMP580/
ADCMP581/
ADCMP582
CML/ECL/
PECL
Figure 1.
The ±5 V power supplies enable a wide −2 V to +3 V input
range with logic levels referenced to the CML/NECL/PECL
outputs. The three inputs have 50 Ω on-chip termination
resistors with the optional capability to be left open (on an
individual pin basis) for applications requiring high impedance
input.
The CML output stage is designed to directly drive 400 mV into
50 Ω transmission lines terminated to ground. The NECL
output stages are designed to directly drive 400 mV into 50 Ω
terminated to −2 V. The PECL output stages are designed to
directly drive 400 mV into 50 Ω terminated to VCCO − 2 V. High
speed latch and programmable hysteresis are also provided. The
differential latch input controls are also 50 Ω terminated to an
independent VTT pin to interface to either CML or ECL or to
PECL logic.
The ADCMP580/ADCMP581/ADCMP582 are available in a
16-lead LFCSP package.
© 2004


Similar Part No. - ADCMP580BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP580BCP-R2 AD-ADCMP580BCP-R2 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580BCP-R2 AD-ADCMP580BCP-R2 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP580BCP-RL7 AD-ADCMP580BCP-RL7 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580BCP-RL7 AD-ADCMP580BCP-RL7 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP580BCP-WP AD-ADCMP580BCP-WP Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
More results

Similar Description - ADCMP580BCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT9687 ETC-SPT9687 Datasheet
111Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP567 AD-ADCMP567 Datasheet
362Kb / 17P
Dual Ultrafast Voltage Comparator
ADCMP566 AD-ADCMP566 Datasheet
207Kb / 16P
Dual Ultrafast Voltage Comparator
10/03-Revision 0
ADCMP580 AD-ADCMP580_05 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580 AD-ADCMP580_07 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP565 AD-ADCMP565_15 Datasheet
208Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP580 AD-ADCMP580_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP581 AD-ADCMP581_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP582 AD-ADCMP582_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP580 AD-ADCMP580_16 Datasheet
409Kb / 16P
Ultrafast SiGe Voltage Comparators
4/16-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com